Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6264 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA6264
Description  One Programmable/Adjustable Boost Converter
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6264 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA6264_14 Datasheet HTML 6Page - ATMEL Corporation ATA6264_14 Datasheet HTML 7Page - ATMEL Corporation ATA6264_14 Datasheet HTML 8Page - ATMEL Corporation ATA6264_14 Datasheet HTML 9Page - ATMEL Corporation ATA6264_14 Datasheet HTML 10Page - ATMEL Corporation ATA6264_14 Datasheet HTML 11Page - ATMEL Corporation ATA6264_14 Datasheet HTML 12Page - ATMEL Corporation ATA6264_14 Datasheet HTML 13Page - ATMEL Corporation ATA6264_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
10
4929B–AUTO–01/07
ATA6264 [Preliminary]
5.
Supply Currents
A minimum current has to flow into each pin for proper functioning of the IC.
Table 5-1.
Electrical Characteristics – Supply currents
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
2.1
Supply current at K30
Standby mode: 0V = V
K30 = 18V,
V
K15 = 3V and KEYLATCH = OFF
K30
IK30
050
µA
A
2.1a Supply current at K30
Standby mode: 18V < V
K30 = 40V,
VK15 = 3V and KEYLATCH = OFF
K30
IK30
05
mA
A
2.1b Supply current at K30
Startup mode: 0V < VK30 = 18V,
V
K15 > 4.15V or KEYLATCH = ON,
V
EVZ = 0V, CCP = 47 nF
K30
IK30
07
mA
A
2.1c Supply current at K30
Startup mode: 18V < V
K30 = 40V
VK15 > 4.15V or KEYLATCH = ON
V
EVZ = 0V, CCP = 47 nF
K30
IK30
010
mA
A
2.1d Supply current at K30
Normal mode: 0V < V
K30 = 18V,
V
EVZ > VK30, VK15 > 4V or
KEYLATCH = ON, SVCORE open,
AMUX Measurement K30 active
K30
IK30
06.5
mA
A
2.1e Supply current at K30
Normal mode: 18V < V
K30 = 40V,
V
EVZ > VK30, VK15 > 4.15V or
KEYLATCH = ON, SVCORE open,
AMUX Measurement K30 active
K30
IK30
010
mA
A
2.2
Supply current at EVZ
Startup mode: 0V < V
EVZ = 40V,
VSAT = VPERI = VCORE = 0V,
VK30 >5V, VK15 > 4.15V, SVCORE
and SVSAT open
EVZ
IEVZ
05
mA
A
2.2a Supply current at EVZ
Normal mode: 0V < V
EVZ = 40V,
VPERI and VCORE > Reset
Threshold, VEVZ > VK30,
V
SAT = 10V, VK30 > 5V,
VK15 > 4.15V, SVCORE and
SVSAT open, AMUX Measurement
EVZ active
EVZ
IEVZ
06
mA
A
2.2b Supply current at EVZ
Autonomous mode:
0V < VEVZ = 40V, VPERI and VCORE
> Reset Threshold, VEVZ > VK30,
V
SAT = 10V, VK30 < 3.85V,
VK15 < 3V, SVCORE and SVSAT
open, AMUX Measurement EVZ
active
EVZ
IEVZ
010
mA
A
2.3
Supply current at VSAT
0V < V
SAT = 14V, SVPERI open,
AMUX measurement VSAT active
VSAT
IVSAT
01.5
mA
A
2.4
Supply current at
VPERI
0V < VPERI = 5.3V, AMUX
measurement VPERI active
VPERI
IVPERI
–0.2
2.2
mA
A
2.5
Supply current at
VCORE
0V < V
CORE = 5.3V, AMUX
measurement VCORE active
VCORE
IVCORE
–0.45
1
mA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - ATA6264_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
   Airbag Power Supply IC
More results

Similar Description - ATA6264_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com