Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURF30060R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MURF30060R
Description  Silicon Super Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MURF30060R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MURF30060R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MURF30060R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MURF30060R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 400 V - 600 V
IF(AV) = 300 A
Features
• High Surge Capability
TO-244 Package
• Types from 400 V to 600 V VRRM
• Not ESD Sensitive
Parameter
Symbol
MURF30040(R)
Unit
Repetitive peak reverse voltage
VRRM
400
V
RMS reverse voltage
VRMS
280
V
DC blocking voltage
V
400
V
MURF30040 thru MURF30060R
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
Silicon Super Fast
Recovery Diode
MURF30060(R)
600
420
600
DC blocking voltage
VDC
400
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MURF30040(R)
Unit
Average forward current (per pkg)
IF(AV)
300
A
Peak forward surge current (per leg)
IFSM
2750
A
Maximum instantaneous forward
voltage (per leg)
1.30
25
μA
3mA
Maximum reverse recovery time (per
leg)
Trr
110
nS
Thermal characteristics
Maximum thermal resistance, junction -
case
(per leg)
R
ΘJC
0.40
°C/W
Tj = 125 °C
IFM = 150 A, Tj = 25 °C
2750
-55 to 150
MURF30060(R)
300
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
Tj = 25 °C
25
3
150
0.40
1.70
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
TC = 140 °C
tp = 8.3 ms, half sine
VF
V
Maximum reverse current at rated DC
blocking voltage (per leg)
IR
600
-55 to 150
www.genesicsemi.com/silicon-products/super-fast-recovery-rectifiers/
1


Similar Part No. - MURF30060R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MURF30005 GENESIC-MURF30005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30005R GENESIC-MURF30005R Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30010 GENESIC-MURF30010 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30010R GENESIC-MURF30010R Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF30020 GENESIC-MURF30020 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
More results

Similar Description - MURF30060R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
   Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
   Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
   Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
   Silicon Super Fast Recovery Diode
MURT20005 GENESIC-MURT20005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURT30005 GENESIC-MURT30005 Datasheet
360Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA20020 GENESIC-MURTA20020 Datasheet
425Kb / 3P
   Silicon Super Fast Recovery Diode
UFT10005 GENESIC-UFT10005 Datasheet
330Kb / 3P
   Silicon Super Fast Recovery Diode
MURTA40060 GENESIC-MURTA40060 Datasheet
422Kb / 4P
   Silicon Super Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com