Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM8513A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HDM8513A
Description  DVB/DSS Compliant Receiver
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HDM8513A Datasheet HTML 7Page - Hynix Semiconductor HDM8513A Datasheet HTML 8Page - Hynix Semiconductor HDM8513A Datasheet HTML 9Page - Hynix Semiconductor HDM8513A Datasheet HTML 10Page - Hynix Semiconductor HDM8513A Datasheet HTML 11Page - Hynix Semiconductor HDM8513A Datasheet HTML 12Page - Hynix Semiconductor HDM8513A Datasheet HTML 13Page - Hynix Semiconductor HDM8513A Datasheet HTML 14Page - Hynix Semiconductor HDM8513A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
11
Table 6: Intel 80C88A Write Cycle Timing Parameters (Busmode = 1)
Symbol
Parameter
Min.
Max.
Unit
tsu1
Input Data Setup before /WE Inactive
20
-
ns
th1
Input Address, Data and /CE Hold after /WE Inactive
8
-
ns
tpw1
/WE Low Duration
200
-
ns
td1
Delay from /CE to DTACK Active
-
35
ns
tdoz1
Delay from /WE Inactive to DTACK in Tristate Mode
-
15
ns
Valid
HI_ADDR [4:0]
/CE
/WE
DTACK
HI_DATA[7:0]
th1
tdoz1
tsu1
tpw1
td1
FIGURE 4: INTEL 80C88A WRITE TIMING DIAGRAM
Note: HI_ADDR[4:0] is derived from the processor(80C88A) A15-A8 bus and HI_DATA[7:0] is
connected to the AD7 - AD0 bus.
#This page is only for HDM8513AP.


Similar Part No. - HDM8513A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
HDM8515P HYNIX-HDM8515P Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
More results

Similar Description - HDM8513A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
NXP Semiconductors
SAA7206H PHILIPS-SAA7206H Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
   Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com