Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S300ER Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # S300ER
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S300ER Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  S300ER Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S300ER Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S300ER Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 100 V - 600 V
IF = 300 A
Features
• High Surge Capability
DO-9 Package
• Types up to 600 V VRRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
S300B (R)
S300D (R)
S300E (R)
S300G (R)
Unit
Repetitive peak reverse
voltage
VRRM
100
200
300
400
V
RMS reverse voltage
VRMS
70
140
212
280
V
Silicon Standard
Recovery Diode
Conditions
600
420
2. Reverse polarity (R): Stud is anode.
S300B thru S300JR
S300J (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
DC blocking voltage
VDC
100
200
300
400
V
Continuous forward
current
IF
300
300
300
300
A
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
S300B (R)
S300D (R)
S300E (R)
S300G (R)
Unit
Diode forward voltage
1.2
1.2
1.2
1.2
10
10
10
10
μA
12
12
12
12
mA
Thermal characteristics
Thermal resistance,
junction - case
RthJC
0.16
0.16
0.16
0.16
°C/W
-55 to 150
TC = 25 °C, tp = 8.3 ms
6850
6850
600
IF,SM
Reverse current
IR
VF
-55 to 150
S300J (R)
10
VR = 100 V, Tj = 175 °C
0.16
1.2
12
V
A
6850
VR = 100 V, Tj = 25 °C
IF = 300 A, Tj = 25 °C
TC ≤ 130 °C
Conditions
6850
6850
300
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive
forward current, Half Sine
Wave
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - S300ER

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S300ER GENESIC-S300ER Datasheet
667Kb / 3P
   Silicon Standard Recovery Diode
S300ER GENESIC-S300ER Datasheet
753Kb / 3P
   Silicon Standard Recovery Diode
S300ER GENESIC-S300ER Datasheet
750Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - S300ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com