Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR090-C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATAR090-C
Description  Up to 6 External/Internal Interrupt Sources
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090-C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATAR090-C_14 Datasheet HTML 5Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 6Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 7Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 8Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 9Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 10Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 11Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 12Page - ATMEL Corporation ATAR090-C_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
9
4700C–4BMCU–02/05
ATAR090-C/ATAR890-C
3.2.7.2
Interrupt Latency
The interrupt latency is the time from the occurrence of the interrupt to the interrupt service rou-
tine being activated. In MARC4 this is extremely short (taking between 3 to 5 machine cycles
depending on the state of the core).
Figure 3-6.
Interrupt Handling
7
6
5
4
3
2
1
0
INT5 active
INT7 active
INT2 pending
SWI0
INT2 active
INT0 pending
INT0 active
INT2
RTI
RTI
INT5
INT3 active
INT3
RTI
RTI
RTI
INT7
Time
Main /
Autosleep
Main /
Autosleep
Table 3-1.
Interrupt Priority Table
Interrupt
Priority
ROM Address
Interrupt Opcode
Function
INT0
Lowest
040h
C8h (SCALL 040h)
Software interrupt (SWI0)
INT1
|
080h
D0h (SCALL 080h)
External hardware interrupt, any edge at BP52 or
BP53
INT2
|
0C0h
D8h (SCALL 0C0h)
Timer 1 interrupt
INT3
|
100h
E8h (SCALL 100h)
SSI interrupt or external hardware interrupt at BP40 or
BP43
INT4
|
140h
E8h (SCALL 140h)
Timer 2 interrupt
INT5
|
180h
F0h (SCALL 180h)
Software interrupt (SW15)
INT6
1C0h
F8h (SCALL 1C0h)
External hardware interrupt, at any edge at BP50 or
BP51
INT7
Highest
1E0h
FCh (SCALL 1E0h)
Voltage Monitor (VM) interrupt


Similar Part No. - ATAR090-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR090-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090 ATMEL-ATAR090_14 Datasheet
913Kb / 75P
   Up to 6 External/Internal Interrupt Sources
ATAR090-D ATMEL-ATAR090-D_14 Datasheet
876Kb / 70P
   Up to 6 External/Internal Interrupt Sources
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR092-C ATMEL-ATAR092-C_14 Datasheet
1Mb / 108P
   Up to 7 External/Internal Interrupt Sources
logo
Panasonic Semiconductor
MN101E59 PANASONIC-MN101E59 Datasheet
339Kb / 3P
   6 external interrupts. 30 internal interrupts
MN101E32 PANASONIC-MN101E32 Datasheet
330Kb / 3P
   6 external interrupts. 23 internal interrupts
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
   External Interrupt Output for Motion Detection
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com