Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR090-D Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATAR090-D
Description  Up to 6 External/Internal Interrupt Sources
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090-D Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATAR090-D_14 Datasheet HTML 6Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 7Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 8Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 9Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 10Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 11Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 12Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 13Page - ATMEL Corporation ATAR090-D_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
ATAR090-D
4701C–4BMCU–12/04
Master Reset
The master reset forces the CPU into a well-defined condition. It is unmaskable and is
activated independent of the current program state. It can be triggered by either initial
supply power-up, a short collapse of the power supply, the brown-out detection circuitry,
a watchdog time-out, or an external input clock supervisor stage (see Figure 9).
A master reset activation will reset the interrupt enable flag, the interrupt pending regis-
ter and the interrupt active register. During the power-on reset phase the I/O bus control
signals are set to reset mode thereby initializing all on-chip peripherals. All bi-directional
ports are set to input mode.
Attention: During any reset phase, the BP20/NTE input is driven towards V
DD by an
additional internal strong pull-up transistor. This pin must not be pulled down to V
SS dur-
ing reset by any external circuitry representing a resistor of less than 150 k
Ω.
Releasing the reset results in a short call instruction (opcode C1h) to the ROM address
008h. This activates the initialization routine $RESET which in turn has to initialize all
necessary RAM variables, stack pointers and peripheral configuration registers.
Figure 9. Reset Configuration
Power-on Reset and
Brown-out Detection
The ATAR090-D has a fully integrated power-on reset and brown-out detection circuitry.
For reset generation no external components are needed.
These circuits ensure that the core is held in the reset state until the minimum operating
supply voltage has been reached. A reset condition will also be generated should the
supply voltage drop momentarily below the minimum operating level except when a
power down mode is activated (the core is in SLEEP mode and the peripheral clock is
stopped). In this power-down mode the brown-out detection is disabled. Two values for
the brown-out voltage threshold are programmable via the BOT bit in the SC register.
Reset
timer
V
DD
CL
Power-on
reset
Internal
reset
res
CL = SYSCL/4
Brown-out
detection
Watch-
dog
CWD
res
Ext. clock
supervisor
ExIn
Pull-up
NRST
V
DD
V
SS
V
DD
V
SS


Similar Part No. - ATAR090-D_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR090-D_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090 ATMEL-ATAR090_14 Datasheet
913Kb / 75P
   Up to 6 External/Internal Interrupt Sources
ATAR090-C ATMEL-ATAR090-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR092-C ATMEL-ATAR092-C_14 Datasheet
1Mb / 108P
   Up to 7 External/Internal Interrupt Sources
logo
Panasonic Semiconductor
MN101E59 PANASONIC-MN101E59 Datasheet
339Kb / 3P
   6 external interrupts. 30 internal interrupts
MN101E32 PANASONIC-MN101E32 Datasheet
330Kb / 3P
   6 external interrupts. 23 internal interrupts
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
   External Interrupt Output for Motion Detection
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com