Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS83C51RC2 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TS83C51RC2
Description  extra 8-bit I/O ports available on RD2 with high pin count packages
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83C51RC2 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS83C51RC2_14 Datasheet HTML 6Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 7Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 8Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 9Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 10Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 11Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 12Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 13Page - ATMEL Corporation TS83C51RC2_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
4188F–8051–01/08
AT/TS8xC51Rx2
P0.0
15
6
P0.1
14
5
P0.2
12
3
P0.3
11
2
P0.4
9
64
P0.5
6
61
P0.6
5
60
P0.7
3
59
P1.0
19
10
P1.1
21
12
P1.2
22
13
P1.3
23
14
P1.4
25
16
P1.5
27
18
P1.6
28
19
P1.7
29
20
P2.0
54
43
P2.1
55
44
P2.2
56
45
P2.3
58
47
P2.4
59
48
P2.5
61
50
P2.6
64
53
P2.7
65
54
P3.0
34
25
P3.1
39
28
Pin
PLCC68
SQUARE VQFP64 1.4
P3.2
40
29
P3.3
41
30
P3.4
42
31
P3.5
43
32
P3.6
45
34
P3.7
47
36
RESET
30
21
ALE/PROG
68
56


Similar Part No. - TS83C51RC2_14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
TS83C51RC2-LCA IRF-TS83C51RC2-LCA Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RC2-LCA ATMEL-TS83C51RC2-LCA Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS83C51RC2-LCA ATMEL-TS83C51RC2-LCA Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS83C51RC2-LCB IRF-TS83C51RC2-LCB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RC2-LCB ATMEL-TS83C51RC2-LCB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
More results

Similar Description - TS83C51RC2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS87C51RD2 ATMEL-TS87C51RD2_14 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
TS83C51RD2 ATMEL-TS83C51RD2_14 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
TS87C51RC2 ATMEL-TS87C51RC2_14 Datasheet
996Kb / 86P
   2 extra 8-bit I/O ports available on RD2 with high pin count packages
TS83C51RB2 ATMEL-TS83C51RB2_14 Datasheet
996Kb / 86P
   2 extra 8-bit I/O ports available on RD2 with high pin count packages
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT89C51IC2 ATMEL-AT89C51IC2_14 Datasheet
1Mb / 147P
   Four 8-bit I/O ports 2 I/O 2-wire Interface (TWI) Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com