Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF246B_2015 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF246B_2015
Description  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF246B_2015 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BLF246B_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF246B_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2001 Oct 10
5
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
Fig.6
Drain-source on-state resistance as a
function of junction temperature; typical
values per section.
VGS = 10 V; ID = 1.5 A.
handbook, halfpage
0
40
80
160
0.8
0.6
0.2
0
0.4
MGR741
120
Tj (°C)
RDSon
(
Ω)
Fig.7
Input and output capacitance as functions
of drain-source voltage; typical values per
section.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
240
0
MGR742
30
180
120
60
VDS (V)
C
(pF)
Cis
Cos
Fig.8
Feedback capacitance as a function of
drain-source voltage; typical values per
section.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
24
0
MGR743
30
18
12
6
VDS (V)
Crs
(pF)


Similar Part No. - BLF246B_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results

Similar Description - BLF246B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com