Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEHA3000 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # PEHA3000
Description  Assemblies and combinations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

PEHA3000 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  PEHA3000 Datasheet HTML 1Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 2Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 3Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 4Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 5Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 6Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 7Page - Cherry Semiconductor Corporation PEHA3000 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7
PCB terminals
PB: Series
1:
Solder pins
C:
Code BCD
E:
PCB flush with
housing
4:
4 indiv. switches,
completely assembled
with endcaps
00: Standard version
Example
Ordering index
PB
C
1 - E
4
00
e
Single switch or qty. or assembled
switches (1 – 9) with endcaps
a
bcdef
Terminals
Index
Solder pins
1
Terminals c
PCB version
Code
PCB flush with housing
E
with solder pins
PCB versions d
Endcap left
609-1346
Endcap right
609-1347
Housing 6 mm
609-1348
Accessories for assembly
Stock codes.
f
Version (Standard = 00)
1
Spacing 2,54
®
C 8 1 4 2
2
Spacing 5,08
C
1
2
®
5
Spacing 2,54
®
C 1 2 4 8
Switching
Code
Readout
Truth table no.- PCB terminal
Code
position
(refer
no.
to page 3)
10
BCD
0 - 9
1
1
C
10
BCD Complement
0 - 9
11
5
E
10
Single pole repeating
+/– alt.
4
2
P


Similar Part No. - PEHA3000

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH126 KEMET-PEH126 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH169 KEMET-PEH169 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
PEH169EA4680QB2 KEMET-PEH169EA4680QB2 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
PEH169EA4680QU2 KEMET-PEH169EA4680QU2 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
More results

Similar Description - PEHA3000

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
   Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
   Assemblies and combinations
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
   Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
   Assemblies and combinations
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-1346 CHERRY-0609-1346 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-1347 CHERRY-0609-1347 Datasheet
6Mb / 8P
   Assemblies and combinations
06091346 CHERRY-06091346 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
   Assemblies and combinations
06091347 CHERRY-06091347 Datasheet
6Mb / 8P
   Assemblies and combinations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com