Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS461E Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TSS461E
Description  DMA Capabilities for Message Handling
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461E Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TSS461E_14 Datasheet HTML 2Page - ATMEL Corporation TSS461E_14 Datasheet HTML 3Page - ATMEL Corporation TSS461E_14 Datasheet HTML 4Page - ATMEL Corporation TSS461E_14 Datasheet HTML 5Page - ATMEL Corporation TSS461E_14 Datasheet HTML 6Page - ATMEL Corporation TSS461E_14 Datasheet HTML 7Page - ATMEL Corporation TSS461E_14 Datasheet HTML 8Page - ATMEL Corporation TSS461E_14 Datasheet HTML 9Page - ATMEL Corporation TSS461E_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
4194C–AUTO–01/06
TSS461E
Microprocessor
Interface
The processor controls the TSS461E by reading and writing the internal registers of the circuit.
These registers appear to the processor as regular memory locations.
Interface Modes
The TSS461E must be plugged in an Intel or Motorola environment with an 8-bit address/data
bus multiplexed.
Table 1. Access Mode Logic
In Intel environment, access operations need CS active, a read one with RD active, a write one
with WR active. If TSS461E is the single peripheral in the processor space, CS can be wired to
VCC.
In Motorola environment, the RD pin is wired to VSS and the access operations are driven by
CS (E). Contrary to Intel mode, CS (E) must never be wired to Vcc even if the TSS461E is alone.
To switch on-the-fly from one mode to the other, CS must be inactive.
Intel Mode
The Intel mode interface consists of 13 pins. 8 pins are the multiplexed address and data bus,
and the rest are the address strobe, the read and write commands, the chip select and the inter-
rupt request pins.
To access the memory locations in Intel mode, the processor must first assert a valid address on
the multiplexed address and data bus and drive the address strobe pin high. When the required
set up time has passed, the processor must drive the address strobe low, and keep the address
valid for the required hold time.
The processor must then either assert the data to be written on the address and data bus, if a
write is intended, or float the data bus for a read. The next step is to drive either the write or read
command pins low, according to the function required, and at the same time drive the chip select
pin high.
The TSS461E access cycle is then terminated by driving the chip select and command pins low.
Note:
that the chip select pin may be driven high for the entire access cycle, and may also remain high
during and after the termination of the cycle.
CS (E)
RD
WR (R/W)
Operation Mode
0
No operation
10
0
Write Operation in Motorola mode
10
1
Read operation in both modes
11
0
Write operation in Intel mode
11
1
No operation


Similar Part No. - TSS461E_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461E-TDRA-9 ATMEL-TSS461E-TDRA-9 Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461E-TDRA-9 ATMEL-TSS461E-TDRA-9 Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E-TDRZ-9 ATMEL-TSS461E-TDRZ-9 Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E-TDSA-9 ATMEL-TSS461E-TDSA-9 Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E-TERA-9 ATMEL-TSS461E-TERA-9 Datasheet
817Kb / 57P
   VAN Data Link Controller
More results

Similar Description - TSS461E_14

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
SO-8 ADMOS-SO-8 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
logo
Renesas Technology Corp
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
logo
STMicroelectronics
AN1776 STMICROELECTRONICS-AN1776 Datasheet
83Kb / 13P
   INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS
logo
Dynex Semiconductor
MA31753 DYNEX-MA31753 Datasheet
243Kb / 30P
   DMA Controller (DMAC) For An MA31750 System
logo
Toshiba Semiconductor
TLGD175 TOSHIBA-TLGD175 Datasheet
186Kb / 4P
   2 CHIP LED LAMP FOR MESSAGE BOARD
logo
Maxim Integrated Produc...
MAX6974 MAXIM-MAX6974_07 Datasheet
301Kb / 23P
   24-Output PWM LED Drivers for Message Boards
Rev 2; 10/07
MAX6974 MAXIM-MAX6974 Datasheet
486Kb / 23P
   24-Output PWM LED Drivers for Message Boards
Rev 0; 5/06
logo
List of Unclassifed Man...
AM2940 ETC-AM2940 Datasheet
685Kb / 11P
   DMA ADDRESS GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com