Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6065JTP Datasheet(PDF) 8 Page - Littelfuse

Part # S6065JTP
Description  65 / 70 Amp Standard SCRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6065JTP Datasheet(HTML) 8 Page - Littelfuse

  S6065JTP Datasheet HTML 1Page - Littelfuse S6065JTP Datasheet HTML 2Page - Littelfuse S6065JTP Datasheet HTML 3Page - Littelfuse S6065JTP Datasheet HTML 4Page - Littelfuse S6065JTP Datasheet HTML 5Page - Littelfuse S6065JTP Datasheet HTML 6Page - Littelfuse S6065JTP Datasheet HTML 7Page - Littelfuse S6065JTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
338
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Part Numbering System
Part Marking System
81
DEVICE TYPE
S: SCR
xx: Lead Form Option
PACKAGE TYPE
K: TO-218AC (Isolated)
W: TO-218X (Non-isolated)
J: TO-218X (Isolated)
CURRENT RATING
Lead Form Dimensions
65: 65A
70: 70A
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
SENSITIVITY & TYPE
S60 65 K
[blank]: 50mA
TO-218AC - (K Package)
TO-218X - (W Package)
TO-218X - (J Package)
®
YMLXX
S6065K
Date Code Marking
Y:Year Code
M: Month Code
L: Location Code
XX: Lot Serial Code


Similar Part No. - S6065JTP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6065J TECCOR-S6065J Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S6065J TECCOR-S6065J Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6065J LITTELFUSE-S6065J Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S6065J LITTELFUSE-S6065J Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S6065J NJSEMI-S6065J Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S6065JTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6065KTP LITTELFUSE-S6065KTP Datasheet
245Kb / 8P
   65 / 70 Amp Standard SCRs
S8065KTP LITTELFUSE-S8065KTP Datasheet
245Kb / 8P
   65 / 70 Amp Standard SCRs
S8055MTP LITTELFUSE-S8055MTP Datasheet
865Kb / 9P
   55 Amp Standard SCRs
S6035JTP LITTELFUSE-S6035JTP Datasheet
195Kb / 7P
   35 Amp Standard SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
S8015L56 LITTELFUSE-S8015L56 Datasheet
988Kb / 8P
   15 and 16 Amp Standard SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SJ6006DS2 LITTELFUSE-SJ6006DS2 Datasheet
2Mb / 9P
   Thyristors 6 Amp High Temperature Sensitive & Standard SCRs
Revised: 08/08/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com