Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM10S604 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HM10S604
Description  CMOS TFT-LCD SOURCE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM10S604 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HM10S604 Datasheet HTML 6Page - Hynix Semiconductor HM10S604 Datasheet HTML 7Page - Hynix Semiconductor HM10S604 Datasheet HTML 8Page - Hynix Semiconductor HM10S604 Datasheet HTML 9Page - Hynix Semiconductor HM10S604 Datasheet HTML 10Page - Hynix Semiconductor HM10S604 Datasheet HTML 11Page - Hynix Semiconductor HM10S604 Datasheet HTML 12Page - Hynix Semiconductor HM10S604 Datasheet HTML 13Page - Hynix Semiconductor HM10S604 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CONFIDENTIAL & PROPRIETARY
CONFIDENTIAL & PROPRIETARY
HM10S604 PRELIMINARY SPEC

Relationship between Input data and output voltages at positive polarity
DATA
(Hex)
Dx[5:0]
00
000000
Output Voltage
GH63
Output Voltage
GH31
01
000001
GH47+(GH63 -GH47)X5376/6216
GH15+(GH31-GH15)X1680/1792
02
000010
GH47+(GH63 -GH47)X4816/6216
03
000011
GH47+(GH63 -GH47)X4312/6216
04
000100
GH47+(GH63 -GH47)X3864/6216
05
000101
GH47+(GH63 -GH47)X3472/6216
06
000110
GH47+(GH63 -GH47)X3080/6216
07
000111
GH47+(GH63 -GH47)X2688/6216
08
001000
GH47+(GH63 -GH47)X2296/6216
09
001001
GH47+(GH63 -GH47)X1960/6216
0A
001010
GH47+(GH63 -GH47)X1624/6216
0B
001011
GH47+(GH63 -GH47)X1288/6216
0C
001100
GH47+(GH63 -GH47)X1008/6216
0D
001101
GH47+(GH63 -GH47)X728/6216
0E
001110
GH47+(GH63 -GH47)X448/6216
0F
001111
GH47+(GH63 -GH47)X168/6216
10
010000
GH47
GH15
11
010001
GH31+(GH47-GH31)X2240/2408
GH0+(GH15-GH0)X3864/3976
12
010010
13
010011
14
010100
15
010101
16
010110
17
010111
18
011000
19
011001
1A
011010
1B
011011
1C
011100
1D
011101
1E
011110
1F
011111
DATA
(Hex)
20
21
22
23
24
25
26
27
28
29
2A
2B
2C
2D
2E
2F
30
31
32
33
34
35
36
37
38
39
3A
3B
3C
3D
3E
3F
Dx[5:0]
100000
100001
100010
100011
100100
100101
100110
100111
101000
101001
101010
101011
101100
101101
101110
101111
110000
110001
110010
110011
110100
110101
110110
110111
111000
111001
111010
111011
111100
111101
111110
111111
GH31+(GH47-GH31)X2072/2408
GH31+(GH47-GH31)X1904/2408
GH31+(GH47-GH31)X1736/2408
GH31+(GH47-GH31)X1568/2408
GH31+(GH47-GH31)X1400/2408
GH31+(GH47-GH31)X1232/2408
GH31+(GH47-GH31)X1064/2408
GH31+(GH47-GH31)X896/2408
GH31+(GH47-GH31)X728/2408
GH31+(GH47-GH31)X560/2408
GH31+(GH47-GH31)X448/2408
GH31+(GH47-GH31)X336/2408
GH31+(GH47-GH31)X224/2408
GH31+(GH47-GH31)X112/2408
GH15+(GH31-GH15)X1568/1792
GH15+(GH31-GH15)X1456/1792
GH15+(GH31-GH15)X1344/1792
GH15+(GH31-GH15)X1232/1792
GH15+(GH31-GH15)X1120/1792
GH15+(GH31-GH15)X1008/1792
GH15+(GH31-GH15)X896/1792
GH15+(GH31-GH15)X784/1792
GH15+(GH31-GH15)X672/1792
GH15+(GH31-GH15)X560/1792
GH15+(GH31-GH15)X448/1792
GH15+(GH31-GH15)X336/1792
GH15+(GH31-GH15)X224/1792
GH15+(GH31-GH15)X112/1792
GH0+(GH15-GH0)X3752/3976
GH0+(GH15-GH0)X3640/3976
GH0+(GH15-GH0)X3528/3976
GH0+(GH15-GH0)X3416/3976
GH0+(GH15-GH0)X3248/3976
GH0+(GH15-GH0)X3080/3976
GH0+(GH15-GH0)X2912/3976
GH0+(GH15-GH0)X2744/3976
GH0+(GH15-GH0)X2576/3976
GH0+(GH15-GH0)X2352/3976
GH0+(GH15-GH0)X2072/3976
GH0+(GH15-GH0)X1792/3976
GH0+(GH15-GH0)X1176/3976
GH0


Similar Part No. - HM10S604

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HM10S801A HYNIX-HM10S801A Datasheet
209Kb / 22P
   CMOS TFT-LCD SOURCE DRIVER
More results

Similar Description - HM10S604

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HM10S801A HYNIX-HM10S801A Datasheet
209Kb / 22P
   CMOS TFT-LCD SOURCE DRIVER
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
NT3980 ETC-NT3980 Datasheet
119Kb / 13P
   TFT LCD Source Driver
NT3966 ETC1-NT3966 Datasheet
102Kb / 11P
   TFT LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16103 PTC-PT16103 Datasheet
514Kb / 5P
   480CH TFT LCD Source Driver
PT16102 PTC-PT16102 Datasheet
628Kb / 7P
   804CH TFT LCD Source Driver
logo
Panasonic Semiconductor
MN838898 PANASONIC-MN838898 Datasheet
279Kb / 20P
   CMOS LSI source driver for color TFT LCD panels
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com