Electronic Components Datasheet Search |
|
QMK325B7224KN-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
QMK325B7224KN-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
1 / 2 page Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the Date at any time without notice. Before making final selection, please check product specification. CERAMIC CAPACITORS Medium-high Voltage Multilayer Ceramic Capacitors QMK325B7224KN-T Features Item Summary 250V, X7R, 0.22μF, ±10%, 1210 Lifecycle Stage Mass Production Standard packaging quantity (minimum) Taping Embossed 2000pcs Products characteristics table CaseSize (EIA/JIS) 1210/3225 Rated Voltage (max) 250V Capacitance 0.22μF Capacitance Tolerance ±10% Resistance 100 MΩ・μF min. Dielectric Loss Tangent 2.5%MAX Temperature Characteristics (EIA/JIS) X7R/- Temperature Range (EIA/JIS) -55 to +125℃/- Capacitance Change (EIA/JIS) ±15/-% RoHS Compliance Yes Halogen Free Yes Soldering Method Reflow External Dimensions L 3.2mm ±0.30 W 2.5mm ±0.20 T 1.9mm ±0.20 e 0.6mm ±0.3 2015.01.12 1 / 1 |
Similar Part No. - QMK325B7224KN-T |
|
Similar Description - QMK325B7224KN-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |