Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL381_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BUL381_2015
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BUL381_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BUL381_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BUL381_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BUL381_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
BUL381
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; L=25mH
400
V
VEBO
Emitter-base voltage
IE=10mA; IC=0
VCEsat-1
Collector-emitter saturation voltage
IC=1A ;IB=0.2A
0.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A ;IB=0.4A
0.7
V
VCEsat-3
Collector-emitter saturation voltage
IC=3A ;IB=0.8A
1.1
V
VBEsat-1
Emitter-base saturation voltage
IC=1A ;IB=0.2A
1.1
V
VBEsat-2
Emitter-base saturation voltage
IC=2A ;IB=0.4A
1.2
V
ICES
Collector cut-off current
VCE=800V VBE=0
Tj=125℃
100
500
μA
ICEO
Collector cut-off current
VCE=400V; IB=0
250
μA
hFE-1
DC current gain
IC=2A ; VCE=5V
8
hFE-2
DC current gain
IC=10mA ; VCE=5V
10
Switching times resistive load
ton
Turn-on time
1
μs
ts
Storage time
1.4
2.2
μs
tf
Fall time
VCC=250V ,IC=2A
IB1=- IB2=0.4A
tp=30μs
0.8
μs


Similar Part No. - BUL381_2015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL381D STMICROELECTRONICS-BUL381D Datasheet
79Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
logo
Savantic, Inc.
BUL381D SAVANTIC-BUL381D Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BUL381D JMNIC-BUL381D Datasheet
85Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUL381D ISC-BUL381D Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BUL381D SAVANTIC-BUL381D Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUL381_2015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com