Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGD1042H_2015 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # CGD1042H_2015
Description  1 GHz, 23 dB gain high output power doubler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

CGD1042H_2015 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  CGD1042H_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD1042H_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD1042H_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD1042H_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD1042H_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD1042H_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD1042H_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
Hybrid amplifier module in a SOT115J package, operating at a supply voltage of 24 V
Direct Current (DC), employing Hetero junction Field Effect Transistor (HFET) GaAs dies.
1.2 Features
I High output power capability
I Excellent linearity
I Extremely low noise
I Excellent return loss properties
I Rugged construction
I Unconditionally stable
I Thermal optimized design
1.3 Applications
I CATV systems operating in the 40 MHz to 1000 MHz frequency range
1.4 Quick reference data
[1]
Direct Current (DC).
CGD1042H
1 GHz, 23 dB gain high output power doubler
Rev. 01 — 9 October 2007
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.
Table 1.
Quick reference data
Bandwidth to 1000 MHz; VB = 24 V (DC); Tmb =35 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
f = 45 MHz
-
21.5
-
dB
f = 1000 MHz
22.0
23.0
24.0
dB
Itot
total current
[1] 430
450
470
mA


Similar Part No. - CGD1042H_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
   1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
CGD1042H NXP-CGD1042H_09 Datasheet
300Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 02-16 November 2009
More results

Similar Description - CGD1042H_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H_09 Datasheet
300Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1042H NXP-CGD1042H Datasheet
51Kb / 7P
   1 GHz, 23 dB gain high output power doubler
Rev. 01 - 9 October 2007
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H Datasheet
51Kb / 7P
   1 GHz, 25 dB gain high output power doubler
Rev. 01 - 10 October 2007
logo
Quanzhou Jinmei Electro...
CGD1044H_2015 JMNIC-CGD1044H_2015 Datasheet
58Kb / 7P
   1 GHz, 25 dB gain high output power doubler
logo
NXP Semiconductors
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
   1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
   1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
   1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com