Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM17CM256 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor HM17CM256 Datasheet HTML 10Page - Hynix Semiconductor HM17CM256 Datasheet HTML 11Page - Hynix Semiconductor HM17CM256 Datasheet HTML 12Page - Hynix Semiconductor HM17CM256 Datasheet HTML 13Page - Hynix Semiconductor HM17CM256 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
HM17CM256
- 10 -
s PIN DESCRIPTION 1
No.
NAME
I/O
FUNCTION
21,22,23,
39,40,41
VDD
supply
Power pin for logic
27,28,29,
58,59,60
VSS
supply
GND pin for logic
67,68,69,
88,89,90
VSSH
supply
High voltage GND pin
31
VDDA
supply
This pin is internally connected to VDD pin.
This pin is used when the voltage of each input pin is fixed to
VDD level.
caution) Do not use to main power pin.
17,18,19,
34,35,36
VSSA
supply
This pin is internally connected to VSS pin.
This pin is used when the voltage of each input pin is fixed to
VSS level.
caution) Do not use to main power pin.
70,71,115,116
72,73
74,75
76,77
78,79
VLCD
V1
V2
V3
V4
supply/O
LCD driver supply voltage
LCD driver power supply port when external power supply
is used.
When external power is used, voltages should
have following relations.
VSS<V4<V3<V2<V1<VLCD
VLCD, V1~V4 voltages are generated by voltage booster at
master mode operation under power circuit ON.
When internal power supply is used, capacitors must be
connected between VLCD, V1~V4 and VSS.
91,92
93,94
C1+
C1-
O
Capacitor connection pin for voltage converter
95,96
97,98
C2+
C2-
O
Capacitor connection pin for voltage converter
99,100
101,102
C3+
C3-
O
Capacitor connection pin for voltage converter
103,104
105,106
C4+
C4-
O
Capacitor connection pin for voltage converter
107,108
109,110
C5+
C5-
O
Capacitor connection pin for voltage converter
111,112
113,114
C6+
C6-
O
Capacitor connection pin for voltage converter
82,83
VBA
O
Reference voltage output pin for voltage regulating.
84
VREF
I
Reference voltage input pin for voltage regulating.
85,86,87
VEE
supply
Voltage supply pin for boosted voltage generation.
VDD level at normal status.
117,118
VOUT
supply/O
Internal DC/DC converter output pin.
80,81
VREG
O
Voltage regulator output pin.
24
RES
I
Reset pin
Reset when RES= “L”


Similar Part No. - HM17CM256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
   128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
More results

Similar Description - HM17CM256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
   128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
NEC
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
   240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
   240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
logo
Sharp Corporation
LH155BA SHARP-LH155BA Datasheet
288Kb / 51P
   128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9445 ETC2-ML9445 Datasheet
740Kb / 84P
   180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9445-02 ETC2-FEDL9445-02 Datasheet
608Kb / 84P
   180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com