Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY887B_2015 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # CGY887B_2015
Description  860 MHz, 27.8 dB gain push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

CGY887B_2015 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  CGY887B_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
2001 Nov 27
DISCRETE SEMICONDUCTORS
CGY887B
860 MHz, 27.8 dB gain push-pull
amplifier
handbook, halfpage
M3D252


Similar Part No. - CGY887B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
CGY887B NXP-CGY887B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGY887B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
logo
Quanzhou Jinmei Electro...
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
   860 MHz, 15 dB gain push-pull amplifier
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
   860 MHz, 34 dB gain push-pull amplifier
BGE885 JMNIC-BGE885_15 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGE885_2015 JMNIC-BGE885_2015 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGY887_2015 JMNIC-BGY887_2015 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com