Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY887B_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # CGY887B_2015
Description  860 MHz, 27.8 dB gain push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

CGY887B_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  CGY887B_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. CGY887B_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Nov 27
3
Philips Semiconductors
Product specification
860 MHz, 27.8 dB gain push-pull amplifier
CGY887B
CHARACTERISTICS
Bandwidth 45 to 870 MHz; VB = 24 V; Tmb =35 °C; ZS =ZL =75 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 45 MHz
27.2
27.5
27.8
dB
f = 870 MHz
28
28.5
29
dB
SL
slope straight line
f = 45 to 870 MHz
0.5
1
1.5
dB
FL
flatness straight line
f = 45 to 100 MHz
−0.25 −+0.25 dB
f = 100 to 800 MHz
−0.5
+0.5
dB
f = 800 to 870 MHz
−0.4
+0.1
dB
s11
input return losses
f = 40 to 80 MHz
24
−−
dB
f = 80 to 160 MHz
22
−−
dB
f = 160 to 320 MHz
19
−−
dB
f = 320 to 550 MHz
18
−−
dB
f = 550 to 650 MHz
17
−−
dB
f = 650 to 750 MHz
16
−−
dB
f = 750 to 870 MHz
14
−−
dB
f = 870 to 914 MHz
12
−−
dB
s22
output return losses
f = 40 to 80 MHz
23
−−
dB
f = 80 to 160 MHz
22
−−
dB
f = 160 to 320 MHz
18
−−
dB
f = 320 to 550 MHz
17
−−
dB
f = 550 to 650 MHz
17
−−
dB
f = 650 to 750 MHz
17
−−
dB
f = 750 to 870 MHz
14
−−
dB
f = 870 to 914 MHz
12
−−
dB
s21
phase response
f = 50 MHz
−45
+45
deg
CTB
composite triple beat
79 chs flat; Vo = 44 dBmV; fm = 331.25 MHz
−−−63.5 dB
132 chs flat; Vo = 44 dBmV; fm = 445.25 MHz −−−57.5
dB
Xmod
cross modulation
79 chs flat; Vo = 44 dBmV; fm = 55.25 MHz
−−−57
dB
132 chs flat; Vo = 44 dBmV; fm = 55.25 MHz
−−−51
dB
CSO
composite second
order distortion
79 chs flat; Vo = 44 dBmV; fm = 54.0 MHz
−−−64
dB
132 chs flat; Vo = 44 dBmV; fm = 860.5 MHz
−−−58
dB
NF
noise figure
f = 50 MHz
−−
5dB
f = 550 MHz
−−
5dB
f = 750 MHz
−−
5dB
f = 870 MHz
−−
5dB
d2
second order distortion
note 1
−−−60
dB
note 2
−−−57
dB


Similar Part No. - CGY887B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
CGY887B NXP-CGY887B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGY887B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887B PHILIPS-CGY887B Datasheet
50Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
2001 Nov 27
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
logo
Quanzhou Jinmei Electro...
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
   860 MHz, 15 dB gain push-pull amplifier
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
   860 MHz, 34 dB gain push-pull amplifier
BGE885 JMNIC-BGE885_15 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGE885_2015 JMNIC-BGE885_2015 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGY887_2015 JMNIC-BGY887_2015 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com