Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS90L56 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS90L56
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90L56 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS90L56 Datasheet HTML 1Page - Hynix Semiconductor GMS90L56 Datasheet HTML 2Page - Hynix Semiconductor GMS90L56 Datasheet HTML 3Page - Hynix Semiconductor GMS90L56 Datasheet HTML 4Page - Hynix Semiconductor GMS90L56 Datasheet HTML 5Page - Hynix Semiconductor GMS90L56 Datasheet HTML 6Page - Hynix Semiconductor GMS90L56 Datasheet HTML 7Page - Hynix Semiconductor GMS90L56 Datasheet HTML 8Page - Hynix Semiconductor GMS90L56 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
GMS90 Series
Oct. 2000 Ver 3.1a
GMS90SeriesSelection Guide
Operating
Voltage (V)
ROM size (bytes)
RAM size
(bytes)
Device Name
Operating
Frequency (MHz)
MASK
OTP
4.25~5.5
ROM-less
128
256
GMS90C31
GMS90C32
12/24/40
12/24/40
4K
8K
16K
24K
32K
-
-
-
-
-
128
256
256
256
256
GMS90C51
GMS90C52
GMS90C54
GMS90C56
GMS90C58
12/24/40
12/24/40
12/24/40
12/24/40
12/24/40
-
-
-
-
-
-
-
-
-
-
4K
4K
8K
8K
16K
16K
24K
24K
32K
32K
128
128
256
256
256
256
256
256
256
256
GMS97C51
GMS97C51H
GMS97C52
GMS97C52H
GMS97C54
GMS97C54H
GMS97C56
GMS97C56H
GMS97C58
GMS97C58H
12/24
33
12/24
33
12/24
33
12/24
33
12/24
33
2.7~3.6
ROM-less
128
256
GMS90L31
GMS90L32
12/16
12/16
4K
8K
16K
24K
32K
-
-
-
-
-
128
256
256
256
256
GMS90L51
GMS90L52
GMS90L54
GMS90L56
GMS90L58
12/16
12/16
12/16
12/16
12/16
-
-
-
-
-
4K
8K
16K
24K
32K
128
256
256
256
256
GMS97L51
GMS97L52
GMS97L54
GMS97L56
GMS97L58
12
12
12
12
12


Similar Part No. - GMS90L56

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90L56 HYNIX-GMS90L56 Datasheet
818Kb / 59P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS90L56

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com