Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6C5332 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HM6C5332
Description  HM6C5332 - 1.2GHz/250MHz Dual Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6C5332 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HM6C5332 Datasheet HTML 2Page - Hynix Semiconductor HM6C5332 Datasheet HTML 3Page - Hynix Semiconductor HM6C5332 Datasheet HTML 4Page - Hynix Semiconductor HM6C5332 Datasheet HTML 5Page - Hynix Semiconductor HM6C5332 Datasheet HTML 6Page - Hynix Semiconductor HM6C5332 Datasheet HTML 7Page - Hynix Semiconductor HM6C5332 Datasheet HTML 8Page - Hynix Semiconductor HM6C5332 Datasheet HTML 9Page - Hynix Semiconductor HM6C5332 Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRELIMINARY
                 
                 
Phase Detector Polarity
Depending upon VCO characteristics, R16 bit should be
set accordingly:
When VCO characteristics are positive like (1), R16
should be set HIGH; When VCO characteristics are
negative like (2), R16 should be set LOW.
 
 





Serial Data Input Timing
&'&
()*
(+
(+
)
 ,-.




,(-.
 ,-.
 
 
 



,(-.





NOTES:
1. Parenthesis data indicates programmable reference divider data.
2. Data shifted into register on clock rising edge.
3. Data is shifted in MSB first.
Test Conditions: The Serial Data Input Timing is tested using a symmetrical waveform around V
DD/2. The test waveform
has an edge rate of 0.6V/ns with amplitudes of 2.2V at V
DD = 2.7V and 2.6V at VDD = 3.6V.
Phase Comparator and Internal Charge Pump Characteristics
"
(
"
"/"
"0"
"1"
"1"
"1"






NOTES:
1. Phase difference detection range: -2
to +2
2. The minimum width pump up and pump down current pulse occur at the D
O pin when the loop is locked.
3. R16 = HIGH


Similar Part No. - HM6C5332

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM6-6617B883 INTERSIL-HM6-6617B883 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM6-6642-9 INTERSIL-HM6-6642-9 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM6-6642/883 INTERSIL-HM6-6642/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
HM6-6642B-9 INTERSIL-HM6-6642B-9 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM6-6642B/883 INTERSIL-HM6-6642B/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results

Similar Description - HM6C5332

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
NXP Semiconductors
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com