Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HM6P5331
Description  HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6P5331 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HM6P5331 Datasheet HTML 1Page - Hynix Semiconductor HM6P5331 Datasheet HTML 2Page - Hynix Semiconductor HM6P5331 Datasheet HTML 3Page - Hynix Semiconductor HM6P5331 Datasheet HTML 4Page - Hynix Semiconductor HM6P5331 Datasheet HTML 5Page - Hynix Semiconductor HM6P5331 Datasheet HTML 6Page - Hynix Semiconductor HM6P5331 Datasheet HTML 7Page - Hynix Semiconductor HM6P5331 Datasheet HTML 8Page - Hynix Semiconductor HM6P5331 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRELIMINARY

Absolute Maximum Ratings
Power Supply Voltage
VDD
-0.3V to +4.2V
VPP
-0.3V to +4.2V
Voltage on Any Pin
with GND = 0V (V
I)
-0.3V to +4.2V
Storage Temperature Range (T
S)
-65
°C to +150°C
Lead Temperature (solder 4 sec.) (T
L)
260
°C
Thermal Resistance(Typical)
θ
JA (°C/W)
TSSOP Package
130
°C
Operating Conditions
Power Supply Voltage
VDD
2.7V to 3.6V
VPP
VDD to 3.6V
Operating Temperature(T
A)
-40
°C to 85°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. Other conditions
above those indicated in the operational sections of this specification are not implied.
Electrical Characteristics
VDD = 3.0V, -40
°C < T
A < 85°C, Except as Specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RF
VDD=2.7V to 3.6V,
fΦ= 10KHz
3.2
mA
I
DD
Power Supply Current
IF
VDD=2.7V to 3.6V,
fΦ= 10KHz
1.2
5.4
mA
I
DD-PWDN
Powerdown Current
V
DD=3.0V
110
µA
f
INRF
Operating Frequency
0.5
-
2.0
GHz
f
INIF
Operating Frequency
50
-
500
MHz
f
OSC
Oscillator Frequency.
4
-
40
MHz
fΦ
Maximum Phase Detector Freq.
10
-
-
MHz
Pf
INRF
RF Input Sensitivity
V
DD=2.7V to 3.6V
- 8.5
-
0
dBm
Pf
INIF
IF Input Sensitivity
V
DD=2.7V to 3.6V
-10
-
0
dBm
V
OSC
Oscillator Sensitivity
OSC
IN
0.5
-
-
V
PP
V
IH
High Level Input Voltage
*
0.8 V
DD
--
V
V
IL
Low Level Input Voltage
*
-
-
0.2 V
DD
V
I
IH
High Level Input Current
V
IH =VDD=3.6V*
-1.0
-
1.0
µA
I
IL
Low Level Input Current
V
IL =0V, VDD=3.6V*
-1.0
-
1.0
µA
I
IH
Oscillator Input Current
V
IH =VDD=3.6V
-
-
100
µA
I
IL
Oscillator Input Current
V
IL =0V, VDD=3.6V
-100
-
-
µA
V
OH
High-Level Output Voltage
I
OH = -500 µA
V
DD-0.4
-
-
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
--
0.4
V
t
CS
Data Clock Setup Time
See Data Input Timing
50
-
-
ns
t
CH
Data Clock Hold Time
See Data Input Timing
10
-

t
CWH
Clock Pulse Width High
See Data Input Timing
50
-
-

t
CWL
Clock Pulse Width Low
See Data Input Timing
50
-
-

t
ES
Clock to Load Enable Setup Time
See Data Input Timing
50
-
-

t
EW
Load Enable Pulse Width
See Data Input Timing
50
-
-

* Clock, Data and LE. Does not include f
INRF, fINIF and OSCIN.


Similar Part No. - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM6-6617B883 INTERSIL-HM6-6617B883 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM6-6642-9 INTERSIL-HM6-6642-9 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM6-6642/883 INTERSIL-HM6-6642/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
HM6-6642B-9 INTERSIL-HM6-6642B-9 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM6-6642B/883 INTERSIL-HM6-6642B/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results

Similar Description - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Renesas Technology Corp
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB15E05 FUJITSU-MB15E05 Datasheet
158Kb / 20P
   ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8427-02 ICST-ICS8427-02 Datasheet
259Kb / 21P
   500MHZ, LOW JITTER LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com