Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HM6P5331
Description  HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6P5331 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HM6P5331 Datasheet HTML 2Page - Hynix Semiconductor HM6P5331 Datasheet HTML 3Page - Hynix Semiconductor HM6P5331 Datasheet HTML 4Page - Hynix Semiconductor HM6P5331 Datasheet HTML 5Page - Hynix Semiconductor HM6P5331 Datasheet HTML 6Page - Hynix Semiconductor HM6P5331 Datasheet HTML 7Page - Hynix Semiconductor HM6P5331 Datasheet HTML 8Page - Hynix Semiconductor HM6P5331 Datasheet HTML 9Page - Hynix Semiconductor HM6P5331 Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PRELIMINARY
                 
                 
Programmable Modes
Several modes of operation can be programmed with bits R16-R18 including the phase detector polarity and charge pump
High Z State. The prescaler and powerdown modes are selected with bits N19 and N20. The programmable modes and
truth table for the programmable modes are shown below.
C1
C2
R16
R17
R18
R19
R20
0
0
IF Phase Detector Polarity
IF I
CPO
IF D
O High Z
IF LD
IF F
O
0
1
RF Phase Detector Polarity
RF I
CPO
RF D
O High Z
RF LD
RF F
O
1
0
-
-
-
IF Prescaler
Powerdown IF
1
1
-
-
-
RF Prescaler
Powerdown RF
Mode Select Truth Table
PHASE DETECTOR
POLARITY
D
O High Z STATE
I
CPO
(NOTE 1)
IF PRESCALER
RF
PRESCALER
POWERDOWN
(NOTE 2)
0
Negative
Normal Operation
LOW
8/9
64/65
Powered Up
1
Positive
High Z State
HIGH
16/17
128/129
Powered Down
NOTES:
1. Activation of the IF PLL or RF PLL powerdown modes result in the disabling of the respective N counter divider and
debiasing of its respective f
IN inputs (to a high impedance state). Powerdown forces the respective charge pump and
phase comparator logic to a High Z State condition. The R counter functionality does not become disabled until both IF
and RF powerdown bits are activated. The OSC
IN pin reverts to a high impedance state when this condition exists. The
control register remains active and capable of loading and latching in data during all the powerdown modes.
F
O LD (Pin 10) Output Truth Table
RF R[19]
(RF LD)
IF R[19]
(IF LD)
RF R[20]
(RF F
O)
IF R[20]
(IF F
O)
F
O OUTPUT STATE
0
0
0
0
Disabled (Note1)
0
1
0
0
IF Lock Detect (Note2)
1
0
0
0
RF Lock Detect (Note2)
1
1
0
0
RF/IF Lock Detect (Note2)
X
0
0
1
IF Reference Divider Output
X
0
1
0
RF Reference Divider Output
X
1
0
1
IF Programmable Divider Output
X
1
1
0
RF Programmable Divider Output
0
0
1
1
For Internal Use Only
0
1
1
1
For Internal Use Only
1
0
1
1
For Internal Use Only
1
1
1
1
Counter Reset (Note4)
X = don’t care condition
NOTES:
1. When the FO LD output is disabled, it is actively pulled to a low logic state.
2. Lock detect output provided to indicate when the VCO frequency is in “lock”. When the loop is locked and a lock detect mode is
selected, the pins output is HIGH, with narrow pulse LOW. In the RF/IF lock detect mode a locked condition is indicated when RF and
IF are both locked.
3. The Counter Reset mode bits R19 and R20 when activated reset all counters. Upon removal of the Reset bits then N counter resumes
counting in “close” alignment with the R counter. (The maximum error is one prescaler cycle). If the Reset bits are activated the R
counter is also forced to Reset, allowing smooth acquisition upon powering up.


Similar Part No. - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM6-6617B883 INTERSIL-HM6-6617B883 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM6-6642-9 INTERSIL-HM6-6642-9 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM6-6642/883 INTERSIL-HM6-6642/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
HM6-6642B-9 INTERSIL-HM6-6642B-9 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM6-6642B/883 INTERSIL-HM6-6642B/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results

Similar Description - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Renesas Technology Corp
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB15E05 FUJITSU-MB15E05 Datasheet
158Kb / 20P
   ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8427-02 ICST-ICS8427-02 Datasheet
259Kb / 21P
   500MHZ, LOW JITTER LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com