Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-30A Datasheet(PDF) 1 Page - Epson Company

Part # MC-30A
Description  kHz RANGE CRYSTAL UNIT For Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

MC-30A Datasheet(HTML) 1 Page - Epson Company

  MC-30A Datasheet HTML 1Page - Epson Company MC-30A Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal unit
Actual size
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
Nominal frequency range
f_nom
32.768 kHz
20 kHz to 120 kHz
Please contact us about available
frequencies.
Storage temperature
T_stg
-55
C to +125 C
Storage as single product.
Operating temperature
T_use
-40
C to +85 C
Level of drive
DL
1.0
W Max.
Frequency tolerance (standard)
f_tol
20  10-6, 50  10-6
50  10-6, 100  10-6 +25 C, DL=0.1 W
Turnover temperature
Ti
+25
C 5 C
Parabolic coefficient
B
-0.04
 10-6 / °C2 Max.
Load capacitance
CL
6 pF to
 (standard :12.5 pF)
Please specify
Motional resistance (ESR)
R1
50 k
 Max.
As per table below
Motional capacitance
C1
1.8 fF Typ.
4.0 fF to 0.6 fF
Shunt capacitance
C0
0.9 pF Typ.
2.0 pF to 0.6 pF
Frequency aging
f_age
3  10-6 / year Max.
5  10-6 / year Max.
+25
C, First year
Motional resistance (ESR)
Frequency
20 kHz
f_nom<31.2 kHz
31.2 kHz
f_nom<40 kHz
40 kHz
f_nom<90 kHz
90 kHz
f_nom120 kHz
Motional resistance
55 k
 Max.
35 k
 Max.
20 k
 Max.
12 k
 Max.
Product name
MC-30A
32.768000kHz
12.5
+20.0-20.0
(Standard form)
①Model
②Frequency
③Load capacitance(pF)
④Frequency tolerance(× 10
-6, +25 C)
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
.
kHz RANGE CRYSTAL UNIT
For Automotive
MC - 30A
Frequency range
:
32.768 kHz (20 kHz to 120 kHz)
External dimensions : 8.0  3.8  2.54 mm
Overtone order
:
Fundamental
Applications
:
Car audio, ECU sub clock,
Car navigation system, Clock
Conforms to AEC-Q200
The metal case inside of the molding compound may be exposed on
the top or bottom of this product.
This purely cosmetic and does not have any effect on quality,
reliability or electrical specs.
Do not connect #2 and #3 to external device.
Internal connection
(TOP VIEW)
#4
#1
#2
#3
5.5
0.5
8.0 Max.
#4
#1
#2
#3
32.768 k
e
571
(0.9)
(0.9)
1.9
4.2
1.3
1.3
Product Number (please contact us)
Q1xMC30A2xxxx00


Similar Part No. - MC-30A

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
MC-30A EPSONTOYOCOM-MC-30A Datasheet
287Kb / 2P
   kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - MC-30A

ManufacturerPart #DatasheetDescription
logo
Epson Company
FC-13A EPSON-FC-13A Datasheet
369Kb / 2P
   kHz RANGE CRYSTAL UNIT For Automotive
logo
Epson ToYoCom
MC-30A EPSONTOYOCOM-MC-30A Datasheet
287Kb / 2P
   kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS
logo
List of Unclassifed Man...
Q13MC1462000412 ETC2-Q13MC1462000412 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
FC1610AN EPSON-FC1610AN Datasheet
333Kb / 2P
   kHz RANGE CRYSTAL UNIT
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
FC-13A EPSON-FC-13A Datasheet
245Kb / 2P
   kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com