Electronic Components Datasheet Search |
|
HDSP-5721-IJ000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HDSP-5721-IJ000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 11 page 6 Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions 600 1800 IF = 10 mA Luminous Intensity/Segment[1,2] IV µcd (Digit Average) 2750 IF = 60 mA Peak: 1 of 6 df Forward Voltage/Segment or DP VF 2.1 2.5 V IF = 20 mA 57XX Peak Wavelength λ PEAK 583 nm Dominant Wavelength[3,7] λ d 581.5 586 592.5 nm Reverse Voltage/Segment or DP[4] VR 3.0 40 V IR = 100 µA Temperature Coefficient of ∆V F/°C -2 mV/ °C VF/Segment or DP Thermal Resistance LED Junction- R θ J-Pin 345 °C/W/ to-Pin Seg Yellow Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment IV 2.37 mcd IF = 10 mA (Segment Average)[1,2] Forward Voltage/Segment or DP VF 2.1 2.5 V IF = 20 mA Peak Wavelength λ PEAK 600 nm H40x Dominant Wavelength[3] λ d 603 nm IF = 10 mA K40x Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F/°C -2 mV/ °C VF/Segment or DP Thermal Resistance LED Junction- R θ J-Pin 345 °C/W/ to-Pin Seg Orange |
Similar Part No. - HDSP-5721-IJ000 |
|
Similar Description - HDSP-5721-IJ000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |