Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1428 Datasheet(PDF) 2 Page - NEC

Part # UPA1428
Description  NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1428 Datasheet(HTML) 2 Page - NEC

  UPA1428 Datasheet HTML 1Page - NEC UPA1428 Datasheet HTML 2Page - NEC UPA1428 Datasheet HTML 3Page - NEC UPA1428 Datasheet HTML 4Page - NEC UPA1428 Datasheet HTML 5Page - NEC UPA1428 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
µPA1428A
2
ELECTRICAL CHARACTERISTICS (Ta = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Leakage Current
ICBO
1
µA
VCB = 40 V, IE = 0
Emitter Leakage Current
IEBO
5
mA
VEB = 5 V, IC = 0
Collector to Emitter
VCEO(sus)
50
60
70
V
IC = 1 A, L = 1 mH
Sustaining Voltage
DC Current Gain
hFE1
*
2000
20000
VCE = 2 V, IC = 1 A
DC Current Gain
hFE2
*
500
VCE = 2 V, IC = 2 A
Collector Saturation Voltage
VCE(sat)
*
1.0
1.5
V
IC = 1 A, IB = 1 mA
Base Saturation Voltage
VBE(sat)
*
1.7
2
V
IC = 1 A, IB = 1 mA
Turn On Time
ton
0.4
µs
Storage Time
tstg
1.5
µs
Fall Time
tf
0.4
µs
* PW
≤ 350
µs, Duty Cycle ≤ 2 %/pulsed
SWITCHING TIME TEST CIRCUIT
IC = 1 A
IB1 = –IB2 = 2 mA
VCC = 50 V, RL = 50
See test circuit
.
.
VIN
IB1
IC
RL = 50
IB2
PW
PW = 50 s
Duty Cycle
≤ 2 %
µ
VBB = –5 V
VCC = 50 V
TUT
ton
90 %
10 %
Collector Current
Wave Form
Base Current
Wave Form
tstg tf
IC
IB2
IB1


Similar Part No. - UPA1428

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1428 RENESAS-UPA1428 Datasheet
4Mb / 8P
   SILICON TRANSISTOR ARRAY
1994
UPA1428A RENESAS-UPA1428A Datasheet
210Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results

Similar Description - UPA1428

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1458 NEC-UPA1458 Datasheet
51Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1456 NEC-UPA1456 Datasheet
55Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1437 NEC-UPA1437 Datasheet
62Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1454 NEC-UPA1454 Datasheet
50Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1434 NEC-UPA1434 Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
logo
List of Unclassifed Man...
2SD1671 ETC2-2SD1671 Datasheet
36Kb / 1P
   NPN Silicon Epitaxial Darlington Transistor Low Speed High Current Switching Industrial Use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com