Electronic Components Datasheet Search |
|
B25671A5002A520 Datasheet(PDF) 5 Page - TDK Electronics |
|
B25671A5002A520 Datasheet(HTML) 5 Page - TDK Electronics |
5 / 8 page Film Capacitors – Power Factor Correction B25671A5002A520 PoleCap capacitor MKP525-D-0.5-P FK PC PM PFC November 2009 Please read Cautions and warnings and Page 5 of 8 Important notes at the end of this document. Cautions and warnings In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not be used at all. This applies also in cases of oil leakages. To ensure the full functionality of the overpressure disconnector, elastic elements must not be hindered and a minimum space of 12 mm has to be kept above each capacitor. Do not handle the capacitor before it is discharged. Resonance cases must be avoided by appropriate application design in any case. Handle capacitors carefully, because they may still be charged even after disconnection due to faulty discharging devices. Protect the capacitor properly against over current and short circuit. Failure to follow cautions may result, worst case, in premature failures, bursting and fire. Discharging Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in again. This prevents an electric impulse discharge in the application, influences the capacitor’s service life and protects against electric shock. The capacitor must be discharged to 75 V or less within 3 minutes. There must be not any switch, fuse or any other disconnecting device in the circuit between the power capacitor and the discharging device. PoleCap-capacitors have a pre-mounted ceramic discharge module; alternatively discharge reactors are available from EPCOS. Discharge and short circuit capacitor before handling! Service life expectancy Electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors too. The maximum service life expectancy may vary depending on the application the capacitor is used in. Safety Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. Ensure good, effective grounding for capacitor enclosures. Provide means of disconnecting and insulating a faulty component/bank. The terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. Follow good engineering practice. Thermal load/over-temperature After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions. |
Similar Part No. - B25671A5002A520 |
|
Similar Description - B25671A5002A520 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |