Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25671A5042A020 Datasheet(PDF) 3 Page - TDK Electronics

Part # B25671A5042A020
Description  Film Capacitors ??Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25671A5042A020 Datasheet(HTML) 3 Page - TDK Electronics

  B25671A5042A020 Datasheet HTML 1Page - TDK Electronics B25671A5042A020 Datasheet HTML 2Page - TDK Electronics B25671A5042A020 Datasheet HTML 3Page - TDK Electronics B25671A5042A020 Datasheet HTML 4Page - TDK Electronics B25671A5042A020 Datasheet HTML 5Page - TDK Electronics B25671A5042A020 Datasheet HTML 6Page - TDK Electronics B25671A5042A020 Datasheet HTML 7Page - TDK Electronics B25671A5042A020 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film Capacitors – Power Factor Correction
B25671A5042A020
PoleCap capacitor
MKP525-D-4-P
FK PC PM PFC
November 2009
Please read Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Maximum ratings
Vmax (up to 8 h daily)
575 V AC
Vmax (up to 1 min)
680 V AC
Imax
1.3 • IR (A) (including combined
effects of harmonics,
overvoltages and capacitance
tolerance)
IS
200 • IR (A)
Test data
VTT
1130 V AC / 50 Hz during 10 s
VTC
3000 V AC / 50 Hz during 10 s
tan δ (50 Hz)*
≤ 0.5 W / kvar
* Without discharge resistor & cable
Climatic category
–40/D
Tmin
–40 ºC
Tmax
+55 ºC
Humidity
av. rel. < 95%
Maximum altitude
4000 m
Mean life expectancy
Mean life expectancy tLD
Up to 100 000 h
Max. 5000 switchings per year to IEC60831
Design data
Dimensions (d × l)
82 × 210 mm
Weight approx
0.6 kg
Impregnation
Dry, inert gas, no PCB
Fixing
Threaded bolt M12
Max. torque (Al can stud)
15 Nm
Mounting position
Upright or horizontal mounting
position possible. See
“Maintenance and Installation
Manual” for further details.


Similar Part No. - B25671A5042A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5042A020 EPCOS-B25671A5042A020 Datasheet
167Kb / 8P
   PoleCap capacitors for Power Factor Correction
B25671A5042A020 EPCOS-B25671A5042A020 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5042A020 EPCOS-B25671A5042A020_09 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
More results

Similar Description - B25671A5042A020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com