Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS87C4460 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMS87C4460
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C4460 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMS87C4460 Datasheet HTML 1Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 2Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 3Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 4Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 5Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 6Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 7Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 8Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
HMS81C4x60
November 2001 Ver 1.1
1
HMS81C4x60
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
FOR TELEVISION
1. OVERVIEW
1.1 Description
The HMS81C4x60 is an advanced CMOS 8-bit microcontroller with 60K bytes of ROM. This is one of the HMS800 family.
This is a powerful microcontroller which provides a high flexibility and cost effective solution to many TV applications. The
HMS81C4x60 provides following standard features: 60K bytes of ROM, 1024 bytes of RAM, 8/16-bit timer/counter, on-
chip PLL oscillator and clock circuitry. In addition, there are other package types, HMS81C4360(32PDIP),
HMS81C4360SK(32SKDIP), HMS81C4460(42SDIP).
This document is explained for the base of HMS81C4x60, the eliminated functions are same as below.
1.2 Features
• 60K Bytes of On-chip Program Memory
• 1024 Bytes of On-chip Data RAM
• Minimum Instruction Cycle Time
- 256ns (NOP operation)
• PLL Oscillator for OSD and System Clock
- External 4MHz Crystal Input
• 31 Programmable I/O pins
- 26 Input/Output and 5 Input pins
•I2C Bus Interface
- Multimaster (2 Pairs interface pins)
• A/D Converter
- 8-bit
× 5 ch
• Pulse Width Modulation
- 14-bit
× 1 ch
- 8-bit
× 5 ch
•Timer
- Timer/Counter : 8-bit
× 4 ch(16-bit × 2 ch)
- Basic interval timer
- Watch Dog Timer
• Number of Interrupt Source
- 16 Interrupts
- 3 External Interrupts
•On Screen Display
- 512 character fonts pattern
- Character Size : 1.0, 1.5, 2.0 times
- Character Pixel size : 12
× 10, 12 × 12, 12 × 14,
12
× 16, 16 × 18
- Display Capability : 48 Characters
× 16 Lines
- Character, Background color : 512 colors, 8 pal-
let
- Special functions : Rounding, Outline, Shadow,
Underline, Double scanned line OSD
• Buzzer Driving Port
- 500Hz ~ 250KHz @4MHz (Duty 50%)
• Vertical Blanking Interveral Information cap-
ture for EIA-608(Closed Caption) or VPS, etc
Device name
ROM Size
EPROM Size
RAM Size
I/O
Package
HMS81C4260
60K bytes
-
1024bytes
31
52SDIP
HMS87C4260
60K bytes
1024bytes
31
52SDIP


Similar Part No. - HMS87C4460

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1102 HYNIX-HMS87C1102 Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1102A HYNIX-HMS87C1102A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1104A HYNIX-HMS87C1104A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1202A HYNIX-HMS87C1202A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C1204A HYNIX-HMS87C1204A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C4460

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com