Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV51V7403HGL-5 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HV51V7403HGL-5
Description  4M x 4Bit EDO DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HV51V7403HGL-5 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HV51V7403HGL-5 Datasheet HTML 3Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 4Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 5Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 6Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 7Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 8Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 9Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 10Page - Hynix Semiconductor HV51V7403HGL-5 Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HY51V(S)17403HG/HGL
Rev.0.1/Apr.01
11
PACKAGE INFORMATION
Unit: Inches (mm)
24(26)pin TSOP-II
24(26)pin SOJ
0.669(17.00) MAX
0.661(16.80) MIN
0.147(3.75) MAX
0.128(3.25) MIN
0.020(0.50) MAX
0.015(0.38) MIN
TYP
0.050(1.27)
0.025(0.64)
MIN
0.032(0.81) MAX
0.026(0.66) MIN
0.085(2.16)
MIN
0.020(0.50) MAX
0.012(0.30) MIN
TYP
0.050(1.27)
0.007(0.18) MAX
0.003(0.08) MIN
0.047(1.20)
MAX
0.041(1.05) MAX
0.037(0.95) MIN
0.678(17.24) MAX
0.670(17.04) MIN
0.024(0.60) MAX
0.016(0.40) MIN
0.008(0.21) MAX
0.004(0.12) MIN
0 ~ 5 Deg


Similar Part No. - HV51V7403HGL-5

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HV51-150-024.704M CONNOR-WINFIELD-HV51-150-024.704M Datasheet
121Kb / 2P
   14 PIN 5.0V HCMOS VCXO
HV51-50 CONNOR-WINFIELD-HV51-50 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV51-51100 CONNOR-WINFIELD-HV51-51100 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV51-51150 CONNOR-WINFIELD-HV51-51150 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV51-51160 CONNOR-WINFIELD-HV51-51160 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
More results

Similar Description - HV51V7403HGL-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Samsung semiconductor
K4S640432E SAMSUNG-K4S640432E Datasheet
113Kb / 10P
   4M x 4Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64420HG HYNIX-HY57V64420HG Datasheet
148Kb / 11P
   4 Banks x 4M x 4Bit Synchronous DRAM
logo
Samsung semiconductor
K4S640432F SAMSUNG-K4S640432F Datasheet
140Kb / 11P
   4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
logo
Samsung semiconductor
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com