Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F040AT-55 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY29F040AT-55
Description  512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F040AT-55 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY29F040AT-55 Datasheet HTML 1Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 2Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 3Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 4Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 5Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 6Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 7Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 8Page - Hynix Semiconductor HY29F040AT-55 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
HY29F040A
BUS OPERATION
Table 1. Bus Operations(1)
OPERATION
/CE
/OE
/WE
A0
A1
A6
A9
I/O
Electronic ID Manufacturer Code(2)
LL
H
L
L
L
V
ID
Code
Electronic ID Device Code(2)
LL
H
H
L
L
V
ID
Code
Read(3)
L
L
H
A0A1
A6A9
D
OUT
Standby
H
X
X
X
X
X
X
High Z
Output Disable
L
H
H
X
X
X
X
High Z
Write
L
H
L
A0
A1
A6
A9
D
IN
(4)
Enable Sector Protect
L
V
ID
LX
X
X
V
ID
X
Verify Sector Protect
L
L
H
L
H
L
V
ID
Code
Notes:
1. L = V
IL, H = VIH, X = Don’t Care. See DC Characteristics for voltage levels.
2. Manufacturer and device codes may also be accessed via a command register sequence. Refer to Table 4.
3. /WE can be V
IL if /CE is VIL, /OE at VIH initiates the write operations.
4. Refer to Table 4 for valid D
IN during a write operation.
Table 2. Sector Protection Verify Electronic ID Codes
Type
A18
A17
A16
A6
A1
A0
Code
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Manufacture Code
X
X
X
V
IL
V
IL
V
IL
ADH
10
10
1
1
0
1
HY29F040A
Device Code
X
X
X
V
IL
V
IL
V
IH
A4H
10
10
0
1
0
0
Sector Protection
Sector Addresses
V
IL
V
IH
V
IL
01H(1)
00
00
0
0
0
1
Notes:
1. Outputs 01H at protected sector addresses, and output 00H at unprotected sector addresses.


Similar Part No. - HY29F040AT-55

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F040AT-55

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com