Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C32C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C32C
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C32C_14 Datasheet HTML 1Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 2Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 3Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 4Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 5Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 6Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 7Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 8Page - ATMEL Corporation AT24C32C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
5298A–SEEPR–1/08
AT24C32C/64C
3.
Memory Organization
AT24C32C/64C, 32/64K SERIAL EEPROM: The 32K/64K is internally organized as 128/256
pages of 32 bytes each. Random word addressing requires a 12/13 bit data word address.
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Pin Capacitance(1)
Applicable over recommended operating range from T
A =25°C, f = 1.0 MHz, VCC = +1.8V to 5.5V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O =0V
C
IN
Input Capacitance (A
0,A1,A2, SCL)
6
pF
V
IN =0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40 to +85°C, VCC = +1.8 to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
5.5
V
I
CC1
Supply Current
V
CC = 5.0V
READ at 400 kHz
0.4
1.0
mA
I
CC2
Supply Current
V
CC = 5.0V
WRITE at 400 kHz
2.0
3.0
mA
I
SB1
Standby Current
(1.8V option)
V
CC = 1.8V
V
IN =VCC or VSS
1.0
µA
V
CC = 5.5V
6.0
µA
I
LI
Input Leakage
Current V
CC = 5.0V
V
IN =VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage
Current V
CC = 5.0V
V
OUT =VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level
(1)
−0.6
V
CC x 0.3
V
V
IH
Input High Level
(1)
V
CC x 0.7
V
CC + 0.5
V
V
OL2
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
V
OL1
Output Low Level
V
CC = 1.8V
I
OL = 0.15 mA
0.2
V


Similar Part No. - AT24C32C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32C-PU ATMEL-AT24C32C-PU Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C-TH-B ATMEL-AT24C32C-TH-B Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C-TH-T ATMEL-AT24C32C-TH-T Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32CD3-DH-T ATMEL-AT24C32CD3-DH-T Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32CN-SH-B ATMEL-AT24C32CN-SH-B Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C32C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04 ATMEL-AT24C04_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16 ATMEL-AT24C16_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16SC ATMEL-AT24C16SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C32SC ATMEL-AT24C32SC_14 Datasheet
216Kb / 13P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04A ATMEL-AT24C04A_14 Datasheet
598Kb / 16P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01B ATMEL-AT24C01B_14 Datasheet
526Kb / 25P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01A ATMEL-AT24C01A_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02 ATMEL-AT24C02_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C02SC ATMEL-AT24C02SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C64A ATMEL-AT24C64A_14 Datasheet
695Kb / 18P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C08A ATMEL-AT24C08A_14 Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com