Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT73C224-A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT73C224-A
Description  Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C224-A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT73C224-A_14 Datasheet HTML 7Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 8Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 9Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 10Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 11Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 12Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 13Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 14Page - ATMEL Corporation AT73C224-A_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
11
6266A–PMAAC–08-Sep-08
AT73C224
Figure 5-1 illustrates the complete automatic start-up sequence of the AT73C224-A and
AT73C224-F, whereas Figure 5-2 illustrates the automatic start-up sequence of the other
AT73C224-x device versions.
Figure 5-1.
Start up Sequence of the AT73C224-A and AT73C224-F
3ms
BOOST1
User Command:
. AT73C224-A: Through Dynamic mode (using TWI or SPI)
. AT73C224-F: Through Static mode (using D1 pin)
45ms typ
3ms
3ms
EN (Wake-up of the system)
(Pushbutton)
VINT
(internal supply)
PWRGDINT
(internal- Vth = 1.6V)
POK -> uP
(Start-up sequence
completed)
VMON
(internal Vth = 2.8V)
POR
(internal Vth = 1.6V)
VBAT
36 ms typ.
VBG
30 ms min
Automatic Start-up Sequence:
BUCK2
(Default value: 1.8V)
LDO4
(Default value: 2.8V)
LDO3
(Default value: 2.7V)


Similar Part No. - AT73C224-A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-A ATMEL-AT73C224-A Datasheet
1Mb / 75P
   Power Management and Analog Companions (PMAAC)
More results

Similar Description - AT73C224-A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-B ATMEL-AT73C224-B_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-H ATMEL-AT73C224-H_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372_14 Datasheet
813Kb / 31P
   Low Power Real-Time Clock (RTC)
VER 1.4
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
   Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
   Low Power Real-Time Clock (RTC)
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com