Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT73C224-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT73C224-B
Description  Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C224-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT73C224-B_14 Datasheet HTML 2Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 3Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 4Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 5Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 6Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 7Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 8Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 9Page - ATMEL Corporation AT73C224-B_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
6
6266A–PMAAC–08-Sep-08
AT73C224
Figure 4-2.
Application Schematic 2: Supply of a Microprocessor and External Analog Cells
In the Application Schematic 2, the AT73C224-B is used: the BOOST (VO1) supplies the
“VBUS” of one USB transceiver and supplies also LDO3 and LDO4. The BUCK(VO2) supplies
the digital core of the microcontroller and the LDOs supply the I/Os and Analog cells, such as
auxiliary ADC or PLL.
For external components, see Table 4-1.
AT73C224-B
Microcontroller
Analog Cells
VDD1
VSENSE1
DL1
DH1
VO1
GND2
GND/AVSS
VO3
GNDANA
VDD4
VO4
VBG
VDD0
Die
Paddle
VCAPN
VCAPP
VINT
VBAT
VBAT
VO1
VDD3
VBAT
BUTTON
uP uP uP
nc
nc
uP
ITB/RDY
VDDIO
VCORE
SPI / TWI
VO2
nc
VBAT
VO4
VBAT
VBAT
BUCK2 = 1.2V
D1
D2 D3 D4
POK
R2
C11
C8
C14
C3
C5
C10
C7
C13
C2
L2
L1
R1
C1
C6
C4
C9
C12
Rechargeable
Backup
Battery
(NBL type)
VBAT
uP uP
X1
Q1
BOOST1 = 5V
LDO4 = 1.8V
D1
3V
to
4.2V
1
32
C16
BOOST1 = 5V
Li_Ion
Battery


Similar Part No. - AT73C224-B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-B ATMEL-AT73C224-B Datasheet
1Mb / 75P
   Power Management and Analog Companions (PMAAC)
More results

Similar Description - AT73C224-B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-A ATMEL-AT73C224-A_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-H ATMEL-AT73C224-H_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372_14 Datasheet
813Kb / 31P
   Low Power Real-Time Clock (RTC)
VER 1.4
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
   Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
   Low Power Real-Time Clock (RTC)
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com