Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC0J151 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFC0J151
Description  Aluminum Electrolytic Capacitors/FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC0J151 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFC0J151 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC0J151 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE61 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
27
4
7
65
2.0
1000
0.45
1.5
5.0
2.5
EEAFC0J270( )
200
2000
56
5
7
120
0.950 1000
0.45
2.0
5.0
2.5
EEAFC0J560( )
200
2000
68
4
11
120
1.30
1000
0.45
1.5
5.0
2.5
EEUFC0J680( )
200
2000
100
5
11
175
0.80
1000
0.50
2.0
5.0
2.5
EEUFC0J101( )
200
2000
120
6.3
7
200
0.450 1000
0.45
2.5
5.0
2.5
EEAFC0J121( )
200
2000
150
5
15
235
0.50
1000
0.50
2.0
5.0
2.5
EEUFC0J151( )
200
2000
220
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC0J221( )
200
2000
270
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC0J271( )
200
2000
330
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC0J331S( ) 200
2000
6.3
15
400
0.250 1000
0.50
2.5
5.0
2.5
EEUFC0J331( )
200
2000
390
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC0J391( )
200
1000
470
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC0J471( )
200
1000
560
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC0J561( )
200
1000
820
8
15
730
0.085 2000
0.60
3.5
5.0
EEUFC0J821L( )
200
1000
10
12.5
755
0.090 3000
0.60
5.0
5.0
EEUFC0J821( )
200
500
1000 10
12.5
755
0.090 3000
0.60
5.0
5.0
EEUFC0J102( )
200
500
1200
8
20
995
0.065 2000
0.60
3.5
5.0
EEUFC0J122L( )
200
1000
10
16
1050
0.068 3000
0.60
5.0
5.0
EEUFC0J122( )
200
500
1500 10
20
1220
0.052 3000
0.60
5.0
5.0
EEUFC0J152( )
200
500
12.5
15
1205
0.065 5000
0.60
5.0
5.0
EEUFC0J152S( )
200
500
1800 10
25
1440
0.045 3000
0.60
5.0
5.0
EEUFC0J182( )
200
500
2200 10
25
1440
0.045 3000
0.60
5.0
5.0
EEUFC0J222( )
200
500
16
15
1690
0.043 5000
0.80
7.5
7.5
EEUFC0J222S( )
100
250
2700 10
30
1815
0.035 3000
0.60
5.0
EEUFC0J272L
100
12.5
20
1655
0.038 5000
0.60
5.0
5.0
EEUFC0J272( )
200
500
16
15
1690
0.043 5000
0.80
7.5
7.5
EEUFC0J272S( )
100
250
3300 12.5
20
1655
0.038 5000
0.60
5.0
5.0
EEUFC0J332( )
200
500
18
15
2000
0.038 5000
0.80
7.5
7.5
EEUFC0J332S( )
100
250
3900 12.5
25
1945
0.030 5000
0.60
5.0
5.0
EEUFC0J392( )
200
500
4700 12.5
30
2310
0.025 5000
0.80
5.0
EEUFC0J472
100
16
20
2205
0.029 5000
0.80
7.5
7.5
EEUFC0J472S( )
100
250
5600 12.5
35
2510
0.022 5000
0.80
5.0
EEUFC0J562L
100
16
20
2205
0.029 5000
0.80
7.5
7.5
EEUFC0J562( )
100
250
6800 12.5
40
2655
0.018 5000
0.80
5.0
EEUFC0J682L
100
16
25
2555
0.022 5000
0.80
7.5
7.5
EEUFC0J682( )
100
250
18
20
2490
0.028 5000
0.80
7.5
7.5
EEUFC0J682S( )
100
250
8200 16
31.5
3010
0.018 5000
0.80
7.5
EEUFC0J822
100
10000 16
35.5
3150
0.016 5000
0.80
7.5
EEUFC0J103
100
18
25
2740
0.020 5000
0.80
7.5
7.5
EEUFC0J103S( )
100
250
12000 16
40
3360
0.015 5000
0.80
7.5
EEUFC0J123L
100
18
31.5
3635
0.016 5000
0.80
7.5
EEUFC0J123
50
15000 18
35.5
3680
0.015 5000
0.80
7.5
EEUFC0J153
50
22
4
7
65
2.0
1000
0.45
1.5
5.0
2.5
EEAFC1A220( )
200
2000
6.3
10
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
i
H
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.Packaging Q’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm.H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
i
B
Endur-
ance
Mar. 2005


Similar Part No. - EEUFC0J151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC0J151 PANASONIC-EEUFC0J151 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J151 PANASONIC-EEUFC0J151 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J151 PANASONIC-EEUFC0J151 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J151 PANASONIC-EEUFC0J151 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J151 PANASONIC-EEUFC0J151 Datasheet
208Kb / 10P
   Radial Lead Type
More results

Similar Description - EEUFC0J151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com