Electronic Components Datasheet Search |
|
EEFSL0G820ER Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EEFSL0G820ER Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors) – EEF-9 – W1 L P P + – Cap. Polarity bar (Positive) W.V. code Lot No. ■ Features ● Super Low-ESR (4.5 mΩ to 9 mΩ) ● Lower ESR and Higher Capacitance at the same case size as conventional products. ● Excellent Noise-absorbent Characteristics ● High Ripple Current ● RoHS directive compliant Surface Mount Type Series: S ■ Specifications Series & Size Code SL SX Category Temp. Range –40 °C to +105 °C Rated W.V.Range 2 V.DC to 6.3 V.DC Nominal Cap.Range 56 μF to 220 μF 82 μF to 560 μF Capacitance Tolerance ±20 % DC Leakage Current Reflow 240 °C : I < 0.06 CV (μA) 2 minutes (2 V.DC to 4 V.DC) I < 0.04 CV (μA) 2 minutes (6.3 V.DC) Reflow 260 °C : I < 0.1 CV (μA) 2 minutes tan d < 0.06 (120 Hz/+20 °C) Surge Voltage Rated Working Voltage × 1.25 (15 °C to 35 °C) Endurance After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C, capacitor shall meet the following limits. Capacitance change ±10% of initial measured value tan d < Initial specified value DC leakage current < Initial specified value Moisture resistance After storing for 500 hours at 60 °C, 90 % Capacitance change of initial measurd value 2, 2.5 V.DC 4 V.DC 6.3 V.DC +70, –20 % +60, –20 % +50, –20 % tan d < 200 % of initial specified value DC leakage current < Initial specified value ■ Dimensions in mm(not to scale) ■ Marking (Unit : mm) Series & Size Code L±0.2 W1±0.2 W2±0.1 H P±0.3 SL 7.3 4.3 2.4 1.8±0.1 1.3 SX 7.3 4.3 2.4 1.9±0.2 1.3 ✽ Externals of figure are the reference. 00 Nov. 2012 |
Similar Part No. - EEFSL0G820ER |
|
Similar Description - EEFSL0G820ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |