Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT73C224-H Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT73C224-H
Description  Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C224-H Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT73C224-H_14 Datasheet HTML 3Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 4Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 5Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 6Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 7Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 8Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 9Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 10Page - ATMEL Corporation AT73C224-H_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
7
6266A–PMAAC–08-Sep-08
AT73C224
Figure 4-3.
Application Schematic 3: BOOST in SEPIC Configuration (BUCK/BOOST)
In the Application Schematic 3, the BOOST (VO1) is in SEPIC configuration (BUCK/BOOST)
and generates a 3.3V output voltage for analog cells. The BUCK (VO2) supplies the core of the
microcontroller, and LDO4 supplies the I/Os.
Note that, in the SEPIC configuration, the maximum load current on VO1 should not exceed 300
mA.
For external components, see Table 4-1.
AT73C224-B
Microcontroller
Analog Cells
VDD1
VSENSE1
DL1
DH1
VO1
GND2
GND/AVSS
VO3
GNDANA
VDD4
VO4
VBG
VDD0
Die
Paddle
VCAPN
VCAPP
VINT
VBAT
VBAT
VO1
VDD3
VBAT
BUTTON
uP uP uP
nc
nc
uP
ITB/RDY
VDDIO
VCORE
SPI / TWI
VO2
nc
VBAT
VO4
VBAT
VBAT
BUCK2 = 1.2V
D1
D2 D3 D4
POK
R2
C11
C8
C14
C3
C5
C10
C7
C13
C2
L2
L1
R1
C1
C6
C4
C9
C12
Rechargeable
Backup
Battery
(NBL type)
VBAT
uP uP
X1
C15
L3
Q1
BOOST1 = 3.3V
LDO4 = 1.8V
D1
3V
to
4.2V
1
32
C16
BOOST1 = 3.3V
Li_Ion
Battery


Similar Part No. - AT73C224-H_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-H ATMEL-AT73C224-H Datasheet
1Mb / 75P
   Power Management and Analog Companions (PMAAC)
More results

Similar Description - AT73C224-H_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C224-B ATMEL-AT73C224-B_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-A ATMEL-AT73C224-A_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372_14 Datasheet
813Kb / 31P
   Low Power Real-Time Clock (RTC)
VER 1.4
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
   Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
   Low Power Real-Time Clock (RTC)
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com