Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1806UAL Datasheet(PDF) 1 Page - Littelfuse

Part # P1806UAL
Description  Multiport Balanced SIDACtor Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1806UAL Datasheet(HTML) 1 Page - Littelfuse

  P1806UAL Datasheet HTML 1Page - Littelfuse P1806UAL Datasheet HTML 2Page - Littelfuse P1806UAL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
www.littelfuse.com
3 - 40
© 2006 Littelfuse • Telecom Design Guide
Multiport Balanced SIDACtor® Device
This six-pin SMT package offers a guaranteed balanced protection, based on a Littelfuse
patent (US Patent 4,905,119). The ‘Y’ configuration offers identical metallic and longitudinal
protection all in one package. SIDACtor devices enable equipment to comply with various
regulatory requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950,
UL 60950, and TIA-968-A (formerly known as FCC Part 68).
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For individual “UA”, “UB”, and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volt
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
Pins 1-2, 2-3, 1-3
Pins 4-5, 5-6, 4-6
P1556U_L
130
180
130
180
8
5
800
2.2
150
P1806U_L
150
210
150
210
8
5
800
2.2
150
P2106U_L
170
250
170
250
8
5
800
2.2
150
P2356U_L
200
270
200
270
8
5
800
2.2
150
P2706U_L
230
300
230
300
8
5
800
2.2
150
P3206U_L
270
350
270
350
8
5
800
2.2
150
P3406U_L
300
400
300
400
8
5
800
2.2
150
P5106U_L
420
600
420
600
8
5
800
2.2
150
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volt
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
Pins 1-2, 2-3, 4-5, 5-6
Pins 4-6, 1-3
A2106U_6L
170
250
50
80
3.5
5
800
2.2
120
A5030U_6L
400
550
270
340
3.5
5
800
2.2
150
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
30
500
C
50
500
400
200
150
200
175
100
200
50
500
¨
1
4
6
3
2
5


Similar Part No. - P1806UAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1806UAL LITTELFUSE-P1806UAL Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P1806UALXX LITTELFUSE-P1806UALXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1806UALxx LITTELFUSE-P1806UALxx Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P1806UALXX LITTELFUSE-P1806UALXX Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
More results

Similar Description - P1806UAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
A2106UC6RP LITTELFUSE-A2106UC6RP Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P3206UCLRP LITTELFUSE-P3206UCLRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P0084UCMC LITTELFUSE-P0084UCMC Datasheet
124Kb / 2P
   Multiport MicroCapacitance (MC) SIDACtor Device
A2106UC6LRP LITTELFUSE-A2106UC6LRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P1553ACMC LITTELFUSE-P1553ACMC Datasheet
122Kb / 2P
   Balanced Three-chip MicroCapacitance (MC) SIDACtor Device
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P2604UARP LITTELFUSE-P2604UARP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
logo
Teccor Electronics
P0080S TECCOR-P0080S Datasheet
423Kb / 2P
   SIDACtor Device
logo
List of Unclassifed Man...
P1100SBRP ETC2-P1100SBRP Datasheet
127Kb / 2P
   SIDACtor Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com