Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY51V65163HGT-5 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY51V65163HGT-5
Description  4M x 16Bit EDO DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V65163HGT-5 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY51V65163HGT-5 Datasheet HTML 1Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 2Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 3Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 4Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 5Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 6Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 7Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 8Page - Hynix Semiconductor HY51V65163HGT-5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HY51V(S)65163HG/HGL
Rev.0.1/Apr.01
2
PIN CONFIGURATION
Pin
Function
/RAS
Row Address Strobe
/UCAS, /LCAS
Column Address Strobe
/WE
Write Enable
/OE
Output Enable
A0-A11
Address Inputs
A0-A11
Refresh Address Inputs
I/O 0- I/O15
Data Input / Output
Vcc
Power (3.3V)
Vss
Ground
NC
No connection
PIN DESCRIPTION
1
VCC
2
IO0
3
IO1
IO2
4
5
IO3
6
7
12
VCC
13
/WE
VCC
IO4
11
NC
10
IO7
9
IO6
8
IO5
14
/RAS
15
NC
16
NC
NC
17
18
NC
19
20
25
VCC
A0
A1
24
A5
23
A4
22
A3
21
A2
50
VSS
49
IO15
48
IO14
IO13
47
46
IO12
45
44
39
VSS
38
/LCAS
VSS
IO11
40
NC
41
IO8
42
IO9
43
IO10
37 /UCAS
36
/OE
35
NC
NC
34
33
NC
32
31
26
VSS
A11
A10
27
A6
28
A7
29
A8
30
A9
50 Pin Plastic SOJ / TSOP-II


Similar Part No. - HY51V65163HGT-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V18163HGJ HYNIX-HY51V18163HGJ Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-5 HYNIX-HY51V18163HGJ-5 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-6 HYNIX-HY51V18163HGJ-6 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGJ-7 HYNIX-HY51V18163HGJ-7 Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51V18163HGT HYNIX-HY51V18163HGT Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results

Similar Description - HY51V65163HGT-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Siemens Semiconductor G...
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com