Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY51V18163HGT-7 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY51V18163HGT-7
Description  1M x 16Bit EDO DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V18163HGT-7 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY51V18163HGT-7 Datasheet HTML 1Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 2Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 3Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 4Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 5Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 6Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 7Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 8Page - Hynix Semiconductor HY51V18163HGT-7 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HY51V(S)18163HG/HGL
Rev.0.1/Apr.01
3
ABSOLUTE MAXIMUM RATINGS
Note : Operation at or above absolute Maximum Ratings can adversely affect device reliability
Recommended DC OPERATING CONDITIONS (TA=0 to 70 oC)
Note : All voltages are referenced to Vss
The supply voltage with all Vcc pins must be on the same level. The supply voltage with all Vss pins must be on the same level
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to Vss
VT
-0.5 ~ Vcc + 0.5
(Max 4.6V)
V
Voltage on Vcc relative to Vss
Vcc
-0.5 ~ 4.6
V
Short Circuit Output Current
IOUT
50
mA
Power Dissipation
PT
1
W
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
Vcc
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
-
Vcc + 0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V


Similar Part No. - HY51V18163HGT-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V65163HG HYNIX-HY51V65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-45 HYNIX-HY51V65163HGJ-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-5 HYNIX-HY51V65163HGJ-5 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-6 HYNIX-HY51V65163HGJ-6 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGT-45 HYNIX-HY51V65163HGT-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results

Similar Description - HY51V18163HGT-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com