Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C46 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT93C46
Description  Low-voltage and Standard-voltage Operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT93C46_14 Datasheet HTML 1Page - ATMEL Corporation AT93C46_14 Datasheet HTML 2Page - ATMEL Corporation AT93C46_14 Datasheet HTML 3Page - ATMEL Corporation AT93C46_14 Datasheet HTML 4Page - ATMEL Corporation AT93C46_14 Datasheet HTML 5Page - ATMEL Corporation AT93C46_14 Datasheet HTML 6Page - ATMEL Corporation AT93C46_14 Datasheet HTML 7Page - ATMEL Corporation AT93C46_14 Datasheet HTML 8Page - ATMEL Corporation AT93C46_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
AT93C46
5140B–SEEPR–2/07
Figure 1. Block Diagram
Note:
When the ORG pin is connected to VCC, the “x 16” organization is selected. When it is
connected to ground, the “x 8” organization is selected. If the ORG pin is left uncon-
nected and the application does not load the input beyond the capability of the internal 1
Meg ohm pullup, then the “x 16” organization is selected. The feature is not available on
the 1.8V devices.
For the AT93C46, if “x 16” organization is the mode of choice and Pin 6 (ORG) is left
unconnected, Atmel recommends using the AT93C46A device. For more details, see the
AT93C46A datasheet.
Absolute Maximum Ratings*
Operating Temperature
......................................−55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only, and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature
.........................................−65°C to +150°C
Voltage on Any Pin
with Respect to Ground
........................................ −1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT93C46_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_14 Datasheet
377Kb / 18P
   Low-voltage and Standard-voltage Operation
AT93C46 ATMEL-AT93C46_14 Datasheet
410Kb / 14P
   Medium-voltage and Standard-voltage Operation
More results

Similar Description - AT93C46_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C01 ATMEL-AT24C01_14 Datasheet
168Kb / 14P
   Low Voltage and Standard Voltage Operation
AT24C08A ATMEL-AT24C08A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT24C164 ATMEL-AT24C164_14 Datasheet
449Kb / 17P
   Low Voltage and Standard Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com