Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V641620HGT-KI Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY57V641620HGT-KI
Description  4 Banks x 1M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V641620HGT-KI Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY57V641620HGT-KI Datasheet HTML 2Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 3Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 4Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 5Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 6Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 7Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 8Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 9Page - Hynix Semiconductor HY57V641620HGT-KI Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HY57V641620HG
Rev. 1.0/Jan. 02
6
DC CHARACTERISTICS II (TA= -40 to 85°C, VDD=3.3±0.3VNote5, VSS=0V)
Note :
1.IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open
2.Min. of tRRC (Refresh RAS cycle time) is shown at AC CHARACTERISTICS II
3.HY57V641620HGT-5I/55I/6I/7I/KI/HI/PI/SI
4.HY57V641620HGLT-5I/55I/6I/7I/KI/HI/PI/SI
Parameter
Symbol
Test Condition
Speed
Unit Note
-5I
-55I
-6I
-7I
-KI
-HI
-8I
-PI
-SI
Operating Current
IDD1
Burst length=1, One bank active
tRC
≥ tRC(min), IOL=0mA
100
95908585
8580
80
80
mA
1
Precharge Standby
Current
in Power Down Mode
IDD2P
CKE
≤ VIL(max), tCK = min
2mA
IDD2PS
CKE
≤ VIL(max), tCK =
2mA
Precharge Standby
Current
in Non Power Down Mode
IDD2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK
= min
Input signals are changed one time
during 2clks. All other pins
≥ VDD-
0.2V or
≤ 0.2V
15
mA
IDD2NS
CKE
≥ VIH(min), tCK =
Input signals are stable.
12
mA
Active Standby Current
in Power Down Mode
IDD3P
CKE
≤ VIL(max), tCK = min
6mA
IDD3PS
CKE
≤ VIL(max), tCK =
5mA
Active Standby Current
in Non Power Down Mode
IDD3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK
= min
Input signals are changed one time
during 2clks. All other pins
≥ VDD-
0.2V or
≤ 0.2V
30
mA
IDD3NS
CKE
≥ VIH(min), tCK =
Input signals are stable.
20
mA
Burst Mode Operating
Current
IDD4
tCK
≥ tCK(min), IOL=0mA
All banks active
CL=3
170
160
150
150
150
150
120
120
120
mA
1
CL=2
NA
NA
NA
NA
120
mA
Auto Refresh Current
IDD5
tRRC
≥ tRRC(min), All banks active
160
mA
2
Self Refresh Current
IDD6
CKE
≤ 0.2V
1mA
3
400
uA
4


Similar Part No. - HY57V641620HGT-KI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V641620HGT-K HYNIX-HY57V641620HGT-K Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V641620HGT-KI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Hynix Semiconductor
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com