Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E200WB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # E200WB
Description  Industrial Control Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E200WB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  E200WB Datasheet HTML 1Page - List of Unclassifed Manufacturers E200WB Datasheet HTML 2Page - List of Unclassifed Manufacturers E200WB Datasheet HTML 3Page - List of Unclassifed Manufacturers E200WB Datasheet HTML 4Page - List of Unclassifed Manufacturers E200WB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
179
SBE Accessories
* Supplied with most SBE models. Refer to the note at the bottom of the product selection tables.
FIELD INSTALLED OPTIONS
ACCESSORIES INCLUDED
FACTORY INSTALLED OPTIONS
Accessory Catalog Number
Primary Fuse
(Class "CC" Rejection Type)
Secondary Fuse
IP20 Covers
Suffix Codes
FB2
Type 3AG
N/A
FB2 + FBPC1
Yes
Type 3AG
Yes
WA
(i.e. E500WA)
FBPC1
Yes
Midget Type
Yes
WB
(i.e. E500WB)
FB2X *
Yes
Midget Type
W
(i.e. E500W)
FBP
Yes
Midget Type
N/A
CATALOG NUMBER
FIELD INSTALLED OPTIONS
DESCRIPTIONS
CATALOG NUMBER
FIELD INSTALLED OPTIONS
DESCRIPTIONS
FB2
Fuse Block - Secondary Side
Field installed secondary fuse holder kit
designed to accommodate one glass or
ceramic, ¼” x 1¼” fuse.
FBP
Fuse Block - Primary Side
Field installed primary fuse holder kit
designed to accommodate two class
“CC” rejection type fuse. Finger safe
covers not available.
FBPC1
Fuse Block and Finger Safe Cover Kit
Field installed primary fuse holder designed
to accommodate two class “CC” rejection
type fuses with primary and secondary.
Finger safe covers kit.
SBEDIN
DIN Circuit Breaker Mounting
Field installed IEC fuse holder adaptor
kit
FB2X
Fuse Block - Secondary Side
Field installed secondary fuse holder
designed to accommodate one 13/32"
x 1-1/2" (Midget type) cartridge fuse
(included with applicable transformer
purchase only).
IP20
Terminal Covers (Two Covers Per Kit)
Field installed primary and secondary
IEC Touch Proof Cover Kit.
FACTORY INSTALLED OPTIONS
Option
Secondary Fusing
WA
Glass/Ceramic - Type 3AG
(FB2 kit not installed)
WB
Midget Type
(FB2X installed)
SBE Control Transformer with
Covers - WA & WB Option
FACTORY INSTALLED OPTIONS
Option
W
SBE Control Transformer
without Covers - W Option
(FB2X not installed)


Similar Part No. - E200WB

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E200 MPD-E200 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
Intel Corporation
E2000 INTEL-E2000 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
List of Unclassifed Man...
E200001 ETC2-E200001 Datasheet
96Kb / 3P
   Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
E200002 ETC2-E200002 Datasheet
95Kb / 3P
   Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
logo
General Cable Technolog...
E2000S GENERAL-E2000S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
More results

Similar Description - E200WB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E100TF ETC2-E100TF Datasheet
536Kb / 5P
   Industrial Control Transformers
E150TH ETC2-E150TH Datasheet
435Kb / 6P
   Industrial Control Transformers
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0500-230-12 TALEMA-SFB0500-230-12 Datasheet
151Kb / 1P
   Control Panel Transformers
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
List of Unclassifed Man...
TT2146 ETC2-TT2146 Datasheet
261Kb / 1P
   3 PHASE CONTROL TRANSFORMERS
logo
Bel Fuse Inc.
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
   Industrial Control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Abracon Corporation
ASTMUPC ABRACON-ASTMUPC Datasheet
4Mb / 10P
   Industrial control
07.22.15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com