Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V161610DTC-10 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY57V161610DTC-10
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610DTC-10 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY57V161610DTC-10 Datasheet HTML 3Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 4Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 5Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 6Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 7Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 8Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 9Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 10Page - Hynix Semiconductor HY57V161610DTC-10 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HY57V161610D
Rev. 4.0/Aug. 02
7
AC CHARACTERISTICS (TA=0°C to 70°C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
Parameter
Symbol
-5
-55
-6
-7
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
System clock
cycle time
CL=3
tCK3
5
5.5
6-7-
ns
CL=2
tCK2
-
-
10
-
10
-
3
CL=1
tCK1
-
-
----
Clock high pulse width
tCHW
1.75
2
2
-
2.5
-
ns
4
Clock low pulse width
tCLW
1.75
2
2
-
2.5
-
ns
4
Access time
from clock
CL=3
tAC3
4.5
5
-
5.5
-
6
ns
CL=2
tAC2
-
6
-
6
3
CL=1
tAC1
----
Data-out hold time
tOH
1.5
2
2
-
2.5
-
ns
Data-Input setup time
tDS
1.5
1.5
1.5
-
1.75
-
ns
4
Data-Input hold time
tDH
1
1
1
-
1
-
ns
4
Address setup time
tAS
1.5
1.5
1.5
-
1.75
-
ns
4
Address hold time
tAH
1
1
1
-
1
-
ns
4
CKE setup time
tCKS
1.5
1.5
1.5
-
1.75
-
ns
4
CKE hold time
tCKH
1
1
1
-
1
-
ns
4
Command setup time
tCS
1.5
1.5
1.5
-
1.75
-
ns
4
Command hold time
tCH
1
1
1
-
1
-
ns
4
CLK to data output in low Z-
time
tOLZ
2
2
2-2-
ns
CLK to data output in high
Z-time
tOHZ
2
5
2
5.5
2627
ns


Similar Part No. - HY57V161610DTC-10

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610DTC-10I HYNIX-HY57V161610DTC-10I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610DTC-10

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com