Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1E472 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # EEUFC1E472
Description  Aluminum Electrolytic Capacitors/FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E472 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button EEUFC1E472 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E472 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE67 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
63
1200 16
31.5
2700
0.028 5000
0.80
7.5
EEUFC1H122
100
18
25
2610
0.029 5000
0.80
7.5
7.5
EEUFC1H122S( )
100
250
1500 16
35.5
2790
0.025 5000
0.80
7.5
EEUFC1H152L
100
1800 16
40
2845
0.023 5000
0.80
7.5
EEUFC1H182L
100
18
31.5
3000
0.025 5000
0.80
7.5
EEUFC1H182
50
2200 18
35.5
3100
0.023 5000
0.80
7.5
EEUFC1H222
50
6.8
4
11
80
3.50
1000
0.45
1.5
5.0
2.5
EEUFC1J6R8( )
200
2000
12
5
11
145
2.0
1000
0.50
2.0
5.0
2.5
EEUFC1J120( )
200
2000
18
5
15
200
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1J180( )
200
2000
22
6.3
11.2
240
1.0
1000
0.50
2.5
5.0
2.5
EEUFC1J220( )
200
2000
33
6.3
11.2
240
1.0
1000
0.50
2.5
5.0
2.5
EEUFC1J330( )
200
2000
39
6.3
15
330
0.70
1000
0.50
2.5
5.0
2.5
EEUFC1J390( )
200
2000
47
8
11.5
405
0.342 2000
0.60
3.5
5.0
EEUFC1J470( )
200
1000
56
8
11.5
405
0.342 2000
0.60
3.5
5.0
EEUFC1J560( )
200
1000
68
8
11.5
405
0.342 2000
0.60
3.5
5.0
EEUFC1J680( )
200
1000
82 10
12.5
535
0.256 3000
0.60
5.0
5.0
EEUFC1J820( )
200
500
100
8
15
535
0.230 2000
0.60
3.5
5.0
EEUFC1J101L( )
200
1000
10
12.5
535
0.256 3000
0.60
5.0
5.0
EEUFC1J101( )
200
500
120 10
16
600
0.194 3000
0.60
5.0
5.0
EEUFC1J121( )
200
500
150
8
20
690
0.178 2000
0.60
3.5
5.0
EEUFC1J151( )
200
1000
180 10
20
885
0.147 3000
0.60
5.0
5.0
EEUFC1J181( )
200
500
12.5
15
1020
0.150 5000
0.60
5.0
5.0
EEUFC1J181S( )
200
500
220 10
20
885
0.147 3000
0.60
5.0
5.0
EEUFC1J221X( )
200
500
10
25
1050
0.130 3000
0.60
5.0
5.0
EEUFC1J221( )
200
500
12.5
20
1285
0.085 5000
0.60
5.0
5.0
EEUFC1J221S( )
200
500
270 16
15
1410
0.090 5000
0.80
7.5
7.5
EEUFC1J271( )
100
250
330 10
30
1300
0.090 3000
0.60
5.0
EEUFC1J331L
100
12.5
20
1285
0.085 5000
0.60
5.0
5.0
EEUFC1J331( )
200
500
390 12.5
25
1720
0.070 5000
0.60
5.0
5.0
EEUFC1J391( )
200
500
18
15
1690
0.086 5000
0.80
7.5
7.5
EEUFC1J391S( )
100
250
470 12.5
30
2090
0.055 5000
0.80
5.0
EEUFC1J471L
100
16
20
1765
0.059 5000
0.80
7.5
7.5
EEUFC1J471( )
100
250
560 16
25
2160
0.050 5000
0.80
7.5
7.5
EEUFC1J561( )
100
250
680 12.5
35
2265
0.047 5000
0.80
5.0
EEUFC1J681L
100
16
25
2160
0.050 5000
0.80
7.5
7.5
EEUFC1J681( )
100
250
18
20
2290
0.055 5000
0.80
7.5
7.5
EEUFC1J681S( )
100
250
820 12.5
40
2560
0.042 5000
0.80
5.0
EEUFC1J821L
100
16
31.5
2670
0.043 5000
0.80
7.5
EEUFC1J821
100
18
25
2585
0.043 5000
0.80
7.5
7.5
EEUFC1J821S( )
100
250
1000 16
31.5
2670
0.043 5000
0.80
7.5
EEUFC1J102U
100
16
35.5
2770
0.036 5000
0.80
7.5
EEUFC1J102
100
1200 16
40
2825
0.030 5000
0.80
7.5
EEUFC1J122L
100
18
31.5
2950
0.032 5000
0.80
7.5
EEUFC1J122
50
1500 18
35.5
3095
0.030 5000
0.80
7.5
EEUFC1J152
50
1800 18
40
3205
0.025 5000
0.80
7.5
EEUFC1J182
50
50
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQ’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
i
B
i
H
Endur-
ance
Mar. 2005


Similar Part No. - EEUFC1E472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1E472 PANASONIC-EEUFC1E472 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1E472 PANASONIC-EEUFC1E472 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E472 PANASONIC-EEUFC1E472 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E472 PANASONIC-EEUFC1E472 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1E472 PANASONIC-EEUFC1E472 Datasheet
150Kb / 10P
   Radial Lead Type
More results

Similar Description - EEUFC1E472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com