Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY62256ALLR1 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY62256ALLR1
Description  32Kx8bit CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62256ALLR1 Datasheet(HTML) 7 Page - Hynix Semiconductor

  HY62256ALLR1 Datasheet HTML 1Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 2Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 3Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 4Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 5Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 6Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 7Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 8Page - Hynix Semiconductor HY62256ALLR1 Datasheet HTML 9Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AC CHARACTERISTICS
Vcc = 5V(±)10%, TA = 0°C to 70°C (Normal)/ -40°C to 85°C (E.T.) unless otherwise
specified.
# Symbol
Parameter
-55
-70
-85
Unit
Min. Max. Min. Max. Min. Max.
READ CYCLE
1
tRC
Read Cycle Time
55
-
70
-
85
-
ns
2
tAA
Address Access Time
-
55
-
70
-
85
ns
3
tACS
Chip Select Access Time
-
55
-
70
-
85
ns
4
tOE
Output Enable to Output
Valid
-
30
-
35
-
45
ns
5
tCLZ
Chip Select to Output in
Low Z
5
-
5
-
5
-
ns
6
tOLZ
Output Enable to Output in
Low Z
5
-
5
-
5
-
ns
7
tCHZ
Chip Deselection to Output
in High Z
0
20
0
30
0
30
ns
8
tOHZ
Out Disable to Output in
High Z
0
20
0
30
0
30
ns
9
tOH
Output Hold from Address
Change
5
-
5
-
5
-
ns
WRITE CYCLE
10 tWC
Write Cycle Time
55
-
70
-
85
-
ns
11 tCW
Chip Selection to End of
Write
50
-
65
-
75
-
ns
12 tAW
Address Valid to End of
Write
50
-
65
-
75
-
ns
13 tAS
Address Set-up Time
0
-
0
-
0
-
ns
14 tWP
Write Pulse Width
40
-
50
-
55
-
ns
15 tWR
Write Recovery Time
0
-
0
-
0
-
ns
16 tWHZ
Write to Output in High Z
0
20
0
30
0
30
ns
17 tDW
Data to Write Time Overlap 25
-
35
-
40
-
ns
18 tDH
Data Hold from Write Time 0
-
0
-
0
-
ns
19 tOW
Output Active from End of
Write
5
-
5
-
5
-
ns
AC TEST CONDITIONS
TA = 0°C to 70°C (Normal) / -40°C to 85°C (E.T.) unless otherwise specified.
PARAMETER
VALUE
Input Pulse Level
0.8V to 2.4V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
1.5V
Output Load
70/85/100ns
CL = 100pF + 1TTL Load
55ns
CL = 50pF + 1TTL Load
3 of 4
22/10/97 12:33
-sram/62256ala1
http://www.hea.com/hean2/sram/62256ala1.htm


Similar Part No. - HY62256ALLR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY62256ALLR1 ETC-HY62256ALLR1 Datasheet
795Kb / 14P
   DRAM & SRAM MEMORY
More results

Similar Description - HY62256ALLR1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
HY62WT08081E HYNIX-HY62WT08081E Datasheet
205Kb / 13P
   HY62WT08081E Series 32Kx8bit CMOS SRAM
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com