Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV9154A Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # AV9154A
Description  Low-Cost 16-Pin Frequency Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9154A Datasheet(HTML) 4 Page - Integrated Circuit Systems

  AV9154A Datasheet HTML 1Page - Integrated Circuit Systems AV9154A Datasheet HTML 2Page - Integrated Circuit Systems AV9154A Datasheet HTML 3Page - Integrated Circuit Systems AV9154A Datasheet HTML 4Page - Integrated Circuit Systems AV9154A Datasheet HTML 5Page - Integrated Circuit Systems AV9154A Datasheet HTML 6Page - Integrated Circuit Systems AV9154A Datasheet HTML 7Page - Integrated Circuit Systems AV9154A Datasheet HTML 8Page - Integrated Circuit Systems AV9154A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AV9154A
Pin Descriptions
Frequencies based upon 14.318 MHz input)
Note:
Internal Pull-up Resistors.
* -04 and -10 have no pull-ups or frequency select pins
** -10 has no pull-up or Pin 9 PDFCLK
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
-4
-10
-26
-27
-42
-43
444444
VDD
P
Digital power (3.3 or 5V).
13
13
13
13
13
13
VDD
P
Digital power (3.3 or 5V).
555555
GND
P
Digital ground.
12
12
12
12
12
12
GDD
P
Digital ground.
888888
AGND
P
Analog ground.
1
16
1
16
1
1
FS0
I
Frequency select 0 for CPU clock
(has internal pull-up).*
16
15
16
15
16
16
FS1
I
Frequency select 1 for CPU clock
(has internal pull-up).*
10
-
10
10
9
10
FS2
I
Frequency select 2 for CPU clock
(has internal pull-up).*
-
-
9
9
-
-
OE
I
Tristates outputs when low (has internal pull-up).*
----
15
15
SLOWCLK#
I
Slows 2XCPU clock to 8 MHz (active low)
(has internal pull-up).
-----
9
STOPCLK#
I
Stops 2XCPU clock glitch-free (active low)
(has internal pull-up).
333333
X1
I
Crystal In.
222222
X2
O
Crystal Out.
11
10
11
11
10
11
14.318 MHz
O
14.318 MHz reference clock output.
-
7
1
-
-
1.84 MHz
O
1.84 MHz (comm) clock output.
6
11
6666
24 MHz
O
24 MHz (floppy disk) clock output.
-
6
----
16 MHz
O
16 MHz clock output.
-
-
7
7
-
-
12 MHz
O
12 MHz keyboard clock output.
7
1
-
-
7
7
8 MHz
O
8 MHz keyboard clock output.
14
14
14
-
11
-
CPUCLK
O
CPU clock output.
15
-
15
14
14
14
2XCPUCLK
O
2X CPU clock output.
9
-----
PD#
I
Power-Down All (active low) (has internal pull-up).
-
9
----
PDFCLK#
I
Power-Down Fixed Clock
(1.84, 8, 16, 24) (active low).**


Similar Part No. - AV9154A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
AV9154A-39CS16 ICST-AV9154A-39CS16 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
AV9154A-60 ICST-AV9154A-60 Datasheet
148Kb / 7P
   OPTi Notebook Frequency Generator
AV9154A-60CS16 ICST-AV9154A-60CS16 Datasheet
148Kb / 7P
   OPTi Notebook Frequency Generator
More results

Similar Description - AV9154A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
9154A ICST-9154A Datasheet
195Kb / 11P
   Low-Cost 16-Pin Frequency Generator
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
   Low Cost 20-Pin Frequency Generator
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
   Low Cost 20-Pin Frequency Generator
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
   Low-Cost 8-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com