Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG7050ECN-EVB Datasheet(PDF) 10 Page - Epson Company

Part # VG7050ECN-EVB
Description  Evaluation Board Manual
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

VG7050ECN-EVB Datasheet(HTML) 10 Page - Epson Company

Back Button VG7050ECN-EVB Datasheet HTML 6Page - Epson Company VG7050ECN-EVB Datasheet HTML 7Page - Epson Company VG7050ECN-EVB Datasheet HTML 8Page - Epson Company VG7050ECN-EVB Datasheet HTML 9Page - Epson Company VG7050ECN-EVB Datasheet HTML 10Page - Epson Company VG7050ECN-EVB Datasheet HTML 11Page - Epson Company VG7050ECN-EVB Datasheet HTML 12Page - Epson Company VG7050ECN-EVB Datasheet HTML 13Page - Epson Company VG7050ECN-EVB Datasheet HTML 14Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
VG7050ECN-EVB
Page - 7
ETM48E-04
3. Board Configuration
3.1. Connection
Table 5
Power Supply
Power
Voltage
remarks
VDD
3.3 V or 2.5 V
Connected to VG7050ECN(socket mounted)’s VDD
Connected to CN1 VDD
GND
0 V
Connected to CN1 GND
Table 6
Connectors, terminals, Socket
Connector, Terminal
Socket
content
Remarks
CN1
VDD, GND
VDD
VDD
GND
GND
CN2
I/F
VC
VC
OE
OE
SMA1
VG7050ECN output
(OUT)
SMA2
VG7050ECN inverse output (XOUT)
Mini-USB
USB
U1
VG7050ECN socket


Similar Part No. - VG7050ECN-EVB

ManufacturerPart #DatasheetDescription
logo
Epson Company
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
More results

Similar Description - VG7050ECN-EVB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com