Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44066D7012M440 Datasheet(PDF) 2 Page - TDK Electronics

Part # B44066D7012M440
Description  Film Capacitors - Power Factor Correction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066D7012M440 Datasheet(HTML) 2 Page - TDK Electronics

  B44066D7012M440 Datasheet HTML 1Page - TDK Electronics B44066D7012M440 Datasheet HTML 2Page - TDK Electronics B44066D7012M440 Datasheet HTML 3Page - TDK Electronics B44066D7012M440 Datasheet HTML 4Page - TDK Electronics B44066D7012M440 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Film Capacitors – Power Factor Correction
B44066D7012M440
Harmonic filter reactor
B44066D****M***
FILM PFC PM
July 2011
Please read Cautions and warnings and
Page 2 of 5
Important notes at the end of this document.
Characteristics
Highest linearity
Temperature control via micro switch in inner coil
With mounting plate to EN 60852
International approvals
Highest life time by high quality materials
Low losses
High overloading capability
Low weight due to aluminium windings
Low noise
Technical Data
De-tuning factor p [%]:
7
Effective filter output QC [kvar]:
12.5
Rated voltage VR [V]:
1)
440
Rated frequency [Hz]:
50
Ambient temperature / Insulation class:
40 °C/H
Capacitance C delta (tot.) [µF]:
191 (= 3 • C delta )
Inductivity L [mH]:
3 • 3.713
Linear up to :
32
Effective current Irms [A]:
2)
18.6
Rated harmonic voltages (3rd/5th/7th/11th/13th) [%]:
0.5 / 6 / 5 / 3.5 / 3
Temperature protection (NC) :
yes
Total losses PD [W]:
80
Total weight [kg]:
15
1) Voltage rise up to 106% of rated voltage is considered in current I
eff.
2) I
eff = (I1
2 + I
3
2 + ...I
x
2)
Connection
Line:
1U1-1V1-1W1
Capacitors:
1U2-1V2-1W2
Temperature control:
1-2


Similar Part No. - B44066D7012M440

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B44066D7012M400 TDK-B44066D7012M400 Datasheet
69Kb / 5P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B44066D7012M440

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com