Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV9170-01CN8 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # AV9170-01CN8
Description  Clock Synchronizer and Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9170-01CN8 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button AV9170-01CN8 Datasheet HTML 3Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 4Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 5Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 6Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 7Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 8Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 9Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 10Page - Integrated Circuit Systems AV9170-01CN8 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
AV9170
*Parameter guaranteed by design and characterization. Not 100% tested in production.
Notes:
1. It may be possible to operate the AV9170 outside of these ranges. Consult ICS for your specific application.
2. All AC Specifications are measured with a 50W transmission line, load terminated with 50W to 1.4V.
3. Duty cycle measured at 1.4V.
4. Skew measured at 1.4V on rising edges. Positive sign indicates the first signal precedes the second signal.
VDD = +3.3V ±5%, TA = 0°C to 70°C, unless otherwise stated
Electrical Characteristics at 3.3V
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
/
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
IV D
DV
3
.
3
=
——
2
.
0V D
DV
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
IV D
DV
3
.
3
=7
.
0V D
D
——
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
IV N
IV
0
=7
4
–—
A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D
——
5A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O*V L
OI L
OA
m
6
=
——
4
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
1
H
O
IH
O,
A
m
1
-
=
VD
DV
3
.
3
=
VD
DV
4
.
-
——
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
2
H
O
IH
O,
A
m
3
-
=
VD
DV
3
.
3
=
VD
DV
8
.
-
——
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
3
H
O
IH
O,
A
m
6
-
=
4
.
2
——
V
t
n
e
r
r
u
C
y
l
p
p
u
SI
1
D
D
Z
H
M
7
.
6
6
,
d
e
d
a
o
l
n
U
)
4
0
-
,
1
0
-
(
7
10
3A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI
2
D
D
Z
H
M
7
.
6
1
,
d
e
d
a
o
l
n
U
)
5
0
-
,
2
0
-
(
75
1A
m


Similar Part No. - AV9170-01CN8

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
   Clock Multiplier
AV9170-07CN08 ICST-AV9170-07CN08 Datasheet
95Kb / 2P
   Clock Multiplier
AV9170-07CS08 ICST-AV9170-07CS08 Datasheet
95Kb / 2P
   Clock Multiplier
More results

Similar Description - AV9170-01CN8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
   CLOCK SYNCHRONIZER AND MULTIPLIER
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
   Clock Synchronizer and Multiplier
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
   Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
   CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
   Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com