Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV9155C-36CM20 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # AV9155C-36CM20
Description  Low Cost 20-Pin Frequency Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9155C-36CM20 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button AV9155C-36CM20 Datasheet HTML 6Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 7Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 8Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 9Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 10Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 11Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 12Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 13Page - Integrated Circuit Systems AV9155C-36CM20 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AV9155C
AV9155C-01 and AV9155C-02
CLOCK#2 CPU and 2XCPU
PERIPHERAL CLOCKS
Actual Output Frequencies
(Using 14.318 MHz input. All frequencies in MHz.)
AV9155C-23
CPU CLOCK
PERIPHERAL CLOCKS
AV9155C-36
CPU CLOCK
PERIPHERAL CLOCKS
2
S
F
)
1
1
n
i
P
(
1
S
F
)
9
1
n
i
P
(
0
S
F
)
0
2
n
i
P
(
U
P
C
X
2
)
7
1
n
i
P
(
U
P
C
)
8
1
n
i
P
(
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
5
.
7
1
5
.
5
1
2
2
.
2
3
9
0
.
0
4
1
1
.
0
5
2
8
.
6
6
8
1
.
0
8
3
2
.
0
0
1
5
7
.
3
6
7
.
7
1
1
.
6
1
5
0
.
0
2
6
0
.
5
2
1
4
.
3
3
9
0
.
0
4
1
1
.
0
5
2
S
F
)
1
1
n
i
P
(
1
S
F
)
9
1
n
i
P
(
0
S
F
)
0
2
n
i
P
(
U
P
C
X
2
)
7
1
n
i
P
(
U
P
C
)
8
1
n
i
P
(
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
4
5
0
.
8
2
0
0
.
6
1
5
7
8
.
9
5
6
8
8
.
9
3
3
1
1
.
0
5
6
7
4
.
6
6
1
8
1
.
0
8
6
2
2
.
0
0
1
7
2
0
.
4
1
0
0
.
8
6
3
9
.
9
2
3
4
9
.
9
1
7
5
0
.
5
2
8
3
2
.
3
3
1
9
0
.
0
4
3
1
1
.
0
5
K
L
C
M
M
O
C
)
1
n
i
P
(
K
L
C
S
U
B
)
7
n
i
P
(
K
L
C
D
F
)
6
n
i
P
(
K
L
C
B
K
)
8
n
i
P
(
0
0
.
0
40
0
.
5
10
0
.
4
20
0
.
2
1
2
S
F
)
1
1
n
i
P
(
1
S
F
)
9
1
n
i
P
(
0
S
F
)
0
2
n
i
P
(
U
P
C
X
2
)
7
1
n
i
P
(
U
P
C
)
8
1
n
i
P
(
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
7
1
.
5
7
0
4
9
.
1
3
6
3
1
.
0
6
0
9
0
.
0
4
3
1
1
.
0
5
6
7
4
.
6
6
1
8
1
.
0
8
3
0
9
.
1
5
*
5
8
5
.
7
3
0
7
9
.
5
1
8
6
0
.
0
3
5
4
0
.
0
2
7
5
0
.
5
2
8
3
2
.
3
3
1
9
0
.
0
4
2
5
9
.
5
2
K
L
C
M
M
O
C
)
1
n
i
P
(
n
i
P
(
K
L
C
S
U
B
)
6
K
L
C
D
F
)
7
n
i
P
(
K
L
C
B
K
)
8
n
i
P
(
6
4
8
.
10
0
.
6
1
r
o
1
0
.
2
30
0
.
4
20
0
.
2
1
K
L
C
M
M
O
C
)
1
n
i
P
(
K
L
C
S
U
B
)
6
n
i
P
(
K
L
C
D
F
)
7
n
i
P
(
K
L
C
B
K
)
8
n
i
P
(
6
4
8
.
10
0
.
6
10
0
.
4
20
0
.
2
1


Similar Part No. - AV9155C-36CM20

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
AV9155C-44CW20 ICST-AV9155C-44CW20 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
More results

Similar Description - AV9155C-36CM20

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
   Low Cost 20-Pin Frequency Generator
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
   Low Cost 20-Pin Frequency Generator
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
   Low-Cost 16-Pin Frequency Generator
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Circuit Syst...
9154A ICST-9154A Datasheet
195Kb / 11P
   Low-Cost 16-Pin Frequency Generator
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com